Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 261 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 261 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 257Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 258Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 259Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 260Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 261Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 262Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 263Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 264Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 265Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 319 page
background image
ST7789V2
Version 1.0
Page 261 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
RIM: Specify RGB interface bus width.
RIM=”0”: 18 bit bus width.
RIM=”1”: 6 bit bus width
EPF[1:0] : Data translate of 65k and 4k to frame data.
65K data formate:
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Data Bus
R5
R4
R3
R2
R1
G5
G4
G3
G2
G1
G0
B5
B4
B3
B2
B1
Frame
Data
0
0
EPF=00
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Read Data
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Data Bus
R5
R4
R3
R2
R1
G5
G4
G3
G2
G1
G0
B5
B4
B3
B2
B1
1
1
EPF=01
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Read Data
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Data Bus
R5
R4
R3
R2
R1
G5
G4
G3
G2
G1
G0
B5
B4
B3
B2
B1
R0
B0
EPF=10
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Read Data
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Data Bus
R5
R4
R3
R2
R1
G5
G4
G3
G2
G1
G0
B5
B4
B3
B2
B1
R0
B0
EPF=11
DB15
DB14
DB13
DB12
DB11
DB10
DB9
DB8
DB7
DB6
DB5
DB4
DB3
DB2
DB1
DB0
Read Data
Register
Availability
Status
Availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com