Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 263 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 263 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 259Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 260Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 261Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 262Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 263Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 264Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 265Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 266Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 267Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 319 page
background image
ST7789V2
Version 1.0
Page 263 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.2.2
RGBCTRL (B1h): RGB Interface Control
B1H
RGBCTRL (RGB Interface Control)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RGBCTRL
0
↑
1
-
1
0
1
1
0
0
0
1
(B1h)
1st parameter
1
↑
1
-
WO
RCM1
RCM0
0
VSPL
HSPL
DPL
EPL
2nd parameter
1
↑
1
-
0
VBP6
VBP5
VBP4
VBP3
VBP2
VBP1
VBP0
3rd parameter
1
↑
1
-
0
0
0
HBP4
HBP3
HBP2
HBP1
HBP0
Description
WO: Direct RGB mode.
WO
Mode
0
Memory
1
Shift register
RCM[1:0]: RGB I/F enable mode selection.
RCM[1:0]
Mode
00
MCU interface
01
10
RGB DE mode
11
RGB HV mode
VSPL : Sets the signal polarity of the VSYNC pin.
VSPL=”0”, Low active
VSPL=”1”, High active
HSPL : Sets the signal polarity of the HSYNC pin.
HSPL=”0”, Low active
HSPL=”1”, High active
DPL : Sets the signal polarity of the DOTCLK pin.
DPL = “0” The data is input on the positive edge of DOTCLK
DPL = “1” The data is input on the negative edge of DOTCLK
EPL : Sets the signal polarity of the ENABLE pin.
EPL = “0” The data DB17-0 is written when ENABLE = “1”. Disable data write operation when
ENABLE = “0”.
EPL = “1” The data DB17-0 is written when ENABLE = “0”. Disable data write operation when
ENABLE = “1”.
VBP[6:0]: RGB interface Vsync back porch setting. Minimum setting is 0x02.
HBP[4:0]: RGB interface Hsync back porch setting. Please refer to the section 8.9.3 for
minimum setting.
Register
Availability



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com