Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 283 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 283 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 279Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 280Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 281Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 282Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 283Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 284Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 285Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 286Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 287Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 283 / 319 page
background image
ST7789V2
Version 1.0
Page 283 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.2.16 VDVS (C4h): VDV Set
C4H
VDVS (VDV Set)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
VDVS
0
↑
1
-
1
1
0
0
0
1
0
0
(C4h)
1st Parameter
1
↑
1
-
0
0
VDVS5
VDVS4
VDVS3
VDVS2
VDVS1
VDVS0
Description
VDVS[5:0]: VDV Set.
VDVS[5:0]
VDV (V)
VDVS[5:0]
VDV (V)
00h
-0.8
20h
0
01h
-0.775
21h
0.025
02h
-0.75
22h
0.05
03h
-0.725
23h
0.075
04h
-0.7
24h
0.1
05h
-0.675
25h
0.125
06h
-0.65
26h
0.15
07h
-0.625
27h
0.175
08h
-0.6
28h
0.2
09h
-0.575
29h
0.225
0Ah
-0.55
2Ah
0.25
0Bh
-0.525
2Bh
0.275
0Ch
-0.5
2Ch
0.3
0Dh
-0.475
2Dh
0.325
0Eh
-0.45
2Eh
0.35
0Fh
-0.425
2Fh
0.375
10h
-0.4
30h
0.4
11h
-0.375
31h
0.425
12h
-0.35
32h
0.45
13h
-0.325
33h
0.475
14h
-0.3
34h
0.5
15h
-0.275
35h
0.525
16h
-0.25
36h
0.55
17h
-0.225
37h
0.575
18h
-0.2
38h
0.6
19h
-0.175
39h
0.625
1Ah
-0.15
3Ah
0.65
1Bh
-0.125
3Bh
0.675
1Ch
-0.1
3Ch
0.7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com