Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 281 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 281 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 277Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 278Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 279Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 280Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 281Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 282Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 283Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 284Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 285Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 281 / 319 page
background image
ST7789V2
Version 1.0
Page 281 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.2.15 VRHS (C3h): VRH Set
C3H
VRHS (VRH Set)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
VRHS
0
↑
1
-
1
1
0
0
0
0
1
1
(C3h)
1st Parameter
1
↑
1
-
0
0
VRHS5
VRHS4
VRHS3
VRHS2
VRHS1
VRHS0
Description
VRHS[5:0]: VRH Set.
VRHS[5:0]
VAP(GVDD) (V)
VRHS[5:0]
VAP(GVDD) (V)
00h
3.55+(vcom+vcom offset+vdv)
15h
4.6+( vcom+vcom offset+vdv)
01h
3.6+( vcom+vcom offset+vdv)
16h
4.65+( vcom+vcom offset+vdv)
02h
3.65+( vcom+vcom offset+vdv)
17h
4.7+( vcom+vcom offset+vdv)
03h
3.7+( vcom+vcom offset+vdv)
18h
4.75+( vcom+vcom offset+vdv)
04h
3.75+( vcom+vcom offset+vdv)
19h
4.8+( vcom+vcom offset+vdv)
05h
3.8+( vcom+vcom offset+vdv)
1Ah
4.85+( vcom+vcom offset+vdv)
06h
3.85+( vcom+vcom offset+vdv)
1Bh
4.9+( vcom+vcom offset+vdv)
07h
3.9+( vcom+vcom offset+vdv)
1Ch
4.95+( vcom+vcom offset+vdv)
08h
3.95+( vcom+vcom offset+vdv)
1Dh
5+( vcom+vcom offset+vdv)
09h
4+( vcom+vcom offset+vdv)
1Eh
5.05+( vcom+vcom offset+vdv)
0Ah
4.05+( vcom+vcom offset+vdv)
1Fh
5.1+( vcom+vcom offset+vdv)
0Bh
4.1+( vcom+vcom offset+vdv)
20h
5.15+( vcom+vcom offset+vdv)
0Ch
4.15+( vcom+vcom offset+vdv)
21h
5.2+( vcom+vcom offset+vdv)
0Dh
4.2+( vcom+vcom offset+vdv)
22h
5.25+( vcom+vcom offset+vdv)
0Eh
4.25+( vcom+vcom offset+vdv)
23h
5.3+( vcom+vcom offset+vdv)
0Fh
4.3+( vcom+vcom offset+vdv)
24h
5.35+( vcom+vcom offset+vdv)
10h
4.35+( vcom+vcom offset+vdv)
25h
5.4+( vcom+vcom offset+vdv)
11h
4.4+( vcom+vcom offset+vdv)
26h
5.45+( vcom+vcom offset+vdv)
12h
4.45+( vcom+vcom offset+vdv)
27h
5.5+( vcom+vcom offset+vdv)
13h
4.5+( vcom+vcom offset+vdv)
28h~3Fh
Reserved
14h
4.55+( vcom+vcom offset+vdv)
--
--
VRHS[5:0]
VAN(GVCL) (V)
VRHS[5:0]
VAN(GVCL) (V)
00h
-3.55+(vcom+vcom offset-vdv)
15h
-4.6+( vcom+vcom offset-vdv)
01h
-3.6+( vcom+vcom offset-vdv)
16h
-4.65+( vcom+vcom offset-vdv)
02h
-3.65+( vcom+vcom offset-vdv)
17h
-4.7+( vcom+vcom offset-vdv)
03h
-3.7+( vcom+vcom offset-vdv)
18h
-4.75+( vcom+vcom offset-vdv)
04h
-3.75+( vcom+vcom offset-vdv)
19h
-4.8+( vcom+vcom offset-vdv)
05h
-3.8+( vcom+vcom offset-vdv)
1Ah
-4.85+( vcom+vcom offset-vdv)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com