Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 278 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 278 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 274Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 275Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 276Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 277Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 278Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 279Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 280Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 281Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 282Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 278 / 319 page
background image
ST7789V2
Version 1.0
Page 278 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.2.12 LCMCTRL (C0h): LCM Control
C0H
LCMCTRL (LCM Control)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
LCMCTRL
0
↑
1
-
1
1
0
0
0
0
0
0
(C0h)
1st parameter
1
↑
1
-
0
XMY
XBGR
XINV
XMX
XMH
XMV
XGS
Description
XMY: XOR MY setting in command 36h.
XBGR: XOR RGB setting in command 36h.
XREV: XOR inverse setting in command 21h
XMH: this bit can reverse source output order and only support for RGB interface without RAM
mode
XMV: XOR MV setting in command 36h
XMX: XOR MX setting in command 36h.
XGS: XOR GS setting in command E4h.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
2Ch
S/W Reset
2Ch
H/W Reset
2Ch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com