Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 274 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 274 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 270Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 271Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 272Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 273Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 274Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 275Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 276Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 277Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 278Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 274 / 319 page
background image
ST7789V2
Version 1.0
Page 274 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.2.9
VCOMS (BBh): VCOM Setting
BBH
VCOMS (VCOM Setting)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
VCOMS
0
↑
1
-
1
0
1
1
1
0
1
1
(BBh)
Parameter
1
↑
1
-
0
0
VCOM5
VCOM4
VCOM3
VCOM2
VCOM1
VCOM0
Description
VCOMS[5:0]:
VCOMS[5:0]
VCOM (V)
VCOMS[5:0]
VCOM (V)
00h
0.1
20h
0.9
01h
0.125
21h
0.925
02h
0.15
22h
0.95
03h
0.175
23h
0.975
04h
0.2
24h
1.0
05h
0.225
25h
1.025
06h
0.25
26h
1.05
07h
0.275
27h
1.075
08h
0.3
28h
1.1
09h
0.325
29h
1.125
0Ah
0.35
2Ah
1.15
0Bh
0.375
2Bh
1.175
0Ch
0.4
2Ch
1.2
0Dh
0.425
2Dh
1.225
0Eh
0.45
2Eh
1.25
0Fh
0.475
2Fh
1.275
10h
0.5
30h
1.3
11h
0.525
31h
1.325
12h
0.55
32h
1.35
13h
0.575
33h
1.375
14h
0.6
34h
1.4
15h
0.625
35h
1.425
16h
0.65
36h
1.45
17h
0.675
37h
1.475
18h
0.7
38h
1.5
19h
0.725
39h
1.525
1Ah
0.75
3Ah
1.55
1Bh
0.775
3Bh
1.575
1Ch
0.8
3Ch
1.6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com