Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 271 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 271 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 267Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 268Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 269Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 270Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 271Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 272Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 273Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 274Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 275Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 271 / 319 page
background image
ST7789V2
Version 1.0
Page 271 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.2.7
GTADJ (B8h): Gate On Timing Adjustment
B8H
GTADJ(Gate On Timing Adjustment)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
GTADJ
0
↑
1
-
1
0
1
1
1
0
0
0
(B8h)
1st Parameter
1
↑
1
-
0
0
1
0
1
0
1
0
2Ah
2nd Parameter
1
↑
1
-
0
0
1
0
1
0
1
1
2Bh
3rd Parameter
1
↑
1
-
0
0
GTA5
GTA4
GTA3
GTA2
GTA1
GTA0
4th Parameter
1
↑
1
-
GOFR3
GOFR2
GOFR1
GOFR0
GOF3
GOF2
GOF1
GOF0
Description
GTA[5:0]: Gate on timing adjustment.
Gate on timing=300ns+GTA[5:0]*400ns
In RGB interface:
In 18bit RGB interface:
Gate on timing=7dotclk+GTA[5:0]*4dotclk
In 6bit RGB interface:
Gate on timing=7*3dotclk+GTA[5:0]*4*3dotclk
GOFR[3:0]: Gate off timing adjustment only for RGB interface
In 18bit RGB interface:
Gate off timing=516.5dotclk-16dotclk*GOFR[3:0]
In 6bit RGB interface:
Gate off timing=512*3dotclk-16dotclk*3*GOFR[3:0]
Note:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com