Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 268 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 268 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 264Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 265Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 266Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 267Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 268Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 269Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 270Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 271Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 272Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 268 / 319 page
background image
ST7789V2
Version 1.0
Page 268 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.2.5
PARCTRL (B5h): Partial Control
B5H
PARCTRL (Partial Control)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
PARCTRL
0
↑
1
-
1
0
1
1
0
1
0
1
(B5h)
Parameter
1
↑
1
-
NDL
0
0
PTGISC
ISC3
ISC2
ISC1
ISC0
Description
NDL: Source output level in non display area in partial mode.
When NDL=0, source output level is V63.
When NDL=1, source output level is V0.
PTGISC: Non display area scan mode.
When PTGISC=0, non-display area is normal scan.
When PTGISC=1, non-display area is interval scan.
ISC[3:0]: non-display area scan cycle selection.
ISC[3:0]
Scan cycle for non-display area
00h
Normal scan
01h
Every 3 cycles scan 1 time
02h
Every 5 cycles scan 1 time
03h
Every 7 cycles scan 1 time
0Fh
Every 31 cycles scan 1 time
Note:
If 01h to 0fh of ISC[3:0] need to be set, PTGISC have to set to 1.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
00h
S/W Reset
00h
H/W Reset
00h



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com