Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 113 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 113 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 109Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 110Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 319 page
background image
ST7789V2
Version 1.0
Page 113 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
6-bit RGB interface hardware suggestion, IM[3:0]=0101.
Write data for 6-bit/pixel (RGB 5-6-5-bit input), 65K-Colors
G1, Bit 3
G1, Bit 2
G1, Bit 1
G1, Bit 0
Pixel n
Pixel n+1
18 bits
18 bits
R1
G1
B1
R2
G2
B2
R3
G3
B3
Frame memory
R1, Bit 3
R1, Bit 2
R1, Bit 1
R1, Bit 0
D5
D4
D3
D2
D1
D0
B1, Bit 3
B1, Bit 2
B1, Bit 1
B1, Bit 0
G2, Bit 3
G2, Bit 2
G2, Bit 1
G2, Bit 0
R2, Bit 3
R2, Bit 2
R2, Bit 1
R2, Bit 0
R1, Bit 4
R2, Bit 4
G1, Bit 5
G1, Bit 4
G2, Bit 5
G2, Bit 4
B1, Bit 4
-
-
-
Write data for 6-bit/pixel (RGB 6-6-6-bit input), 262K-Colors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com