Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 115 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 115 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 111Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 112Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 113Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 114Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 319 page
background image
ST7789V2
Version 1.0
Page 115 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
8.9.3
RGB Interface Definition
The display operation via the RGB interface is synchronized with the VSYNC, HSYNC, and DOTCLK
signals. The data can be written only within the specified area with low power consumption by using window
address function. The back porch and front porch are used to set the RGB interface timing.
Figure 24 DRAM Access Area by RGB Interface
Please refer to the following table for the setting limitation of RGB interface signals.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Horizontal Sync. Width
hpw
2
10
hpw+hbp=31
Clock
Horizontal Sync. Back Porch
hbp
4
10
Clock
Horizontal Sync. Front Porch
hfp
2
38
-
Clock
Vertical Sync. Width
vs
2
4
vs+vbp=127
Line
Vertical Sync. Back Porch
vbp
2
4
Line
Vertical Sync. Front Porch
vfp
2
8
-
Line
Note:
Typical value are related to the setting of dot clock is 7MHz and frame rate is 70Hz..
If the setting of hpw is 10 dot clocks and hbp is 10 dot clocks, the setting of HBP in command B1h is 20 dot clocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com