Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 119 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 119 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 115Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 116Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 117Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 118Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 119Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 120Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 121Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 122Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 123Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 319 page
background image
ST7789V2
Version 1.0
Page 119 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
The following are the functions not available in RGB Input Interface mode.
Function
RGB Interface
I80 System Interface
Partial display
Not available
Available
Scroll function
Not available
Available
Interlaced scan
Not available
Available
Graphics operation function
Not available
Available
VSYNC, HSYNC, and DOTCLK signals must be supplied during a display operation period.
In RGB interface mode, the panel controlling signals are generated from DOTCLK, not the internal clock
generated from the internal oscillator.
In 6-bit RGB interface mode, each of RGB dots are transferred in synchronization with DOTCLK signals.
In other words, one pixel data needs to take three DOTCLKs to transfer.
In 6-bit RGB interface mode, the cycles of VSYNC, HSYNC, ENABLE, DOTCLK signals must be set
correctly so that the data transfer is completed in units of pixels.
When switching between the internal operation mode and the external display interface operation mode,
follow the sequences below in setting instruction.
In RGB interface mode, the front porch period continues until the next VSYNC input is detected after
drawing one frame.
In RGB interface mode, a RAM address is set in the address counter every frame on the falling edge of
VSYNC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com