Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 158 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 158 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 154Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 155Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 156Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 159Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 160Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 161Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 162Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 158 / 319 page
background image
ST7789V2
Version 1.0
Page 158 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9
COMMAND
9.1
System Function Command Table 1
Instruction
D/CX WRX RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Function
NOP
0
↑
1
-
0
0
0
0
0
0
0
0
(00h)
No operation
SWRESET
0
↑
1
-
0
0
0
0
0
0
0
1
(01h)
Software reset
RDDID
0
↑
1
-
0
0
0
0
0
1
0
0
(04h)
Read display ID
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
ID17
ID16
ID15
ID14
ID13
ID12
ID11
ID10
ID1 read
1
1
↑
-
ID27
ID26
ID25
ID24
ID23
ID22
ID21
ID20
ID2 read
1
1
↑
-
ID37
ID36
ID35
ID34
ID33
ID32
ID31
ID30
ID3 read
RDDST
0
↑
1
-
0
0
0
0
1
0
0
1
(09h)
Read display
status
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
BSTON
MY
MX
MV
ML
RGB
MH
ST24
-
1
1
↑
-
ST23
IFPF2
IFPF1
IFPF0
IDMON
PTLON SLOUT NORON
-
1
1
↑
-
ST15
ST14
INVON
ST12
ST11
DISON
TEON
GCS2
-
1
1
↑
-
GCS1
GCS0
TEM
ST4
ST3
ST2
ST1
ST0
-
RDDPM
0
↑
1
-
0
0
0
0
1
0
1
0
(0Ah)
Read display
power
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
BSTON
IDMON
PTLON SLPOUT NORON DISON
0
0
RDD
MADCTL
0
↑
1
-
0
0
0
0
1
0
1
1
(0Bh)
Read display
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
MY
MX
MV
ML
RGB
MH
0
0
-
RDD
COLMOD
0
↑
1
-
0
0
0
0
1
1
0
0
(0Ch)
Read display
pixel
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
0
D6
D5
D4
0
D2
D1
D0
-
RDDIM
0
↑
1
-
0
0
0
0
1
1
0
1
(0Dh)
Read display
image
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
VSSON
0
INVON
0
0
GC2
GC1
GC0
-
RDDSM
0
↑
1
-
0
0
0
0
1
1
1
0
(0Eh)
Read display
signal
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com