Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 161 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 161 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 157Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 158Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 159Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 160Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 161Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 162Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 163Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 164Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 165Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 161 / 319 page
background image
ST7789V2
Version 1.0
Page 161 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
Instruction
D/CX WRX RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
Hex
Function
COLMOD
0
↑
1
-
0
0
1
1
1
0
1
0
(3Ah)
Interface pixel
format
1
↑
1
-
0
D6
D5
D4
0
D2
D1
D0
Interface format
RAMWRC
0
↑
1
-
0
0
1
1
1
1
0
0
(3Ch)
Memory write
continue
1
↑
1
D1[17:8]
D1[7]
D1[6]
D1[5]
D1[4]
D1[3]
D1[2]
D1[1]
D1[0]
Write data
1
↑
1
Dx[17:8]
Dx[7]
Dx[6]
Dx[5]
Dx[4]
Dx[3]
Dx[2]
Dx[1]
Dx[0]
1
↑
1
Dn[17:8]
Dn[7]
Dn[6]
Dn[5]
Dn[4]
Dn[3]
Dn[2]
Dn[1]
Dn[0]
RAMRDC
0
↑
1
-
0
0
1
1
1
1
1
0
(3Eh)
Memory read
continue
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy Read
1
1
↑
D1[17:8]
D1[7]
D1[6]
D1[5]
D1[4]
D1[3]
D1[2]
D1[1]
D1[0]
1
1
↑
Dx[17:8]
Dx[7]
Dx[6]
Dx[5]
Dx[4]
Dx[3]
Dx[2]
Dx[1]
Dx[0]
1
1
↑
Dn[17:8]
Dn[7]
Dn[6]
Dn[5]
Dn[4]
Dn[3]
Dn[2]
Dn[1]
Dn[0]
TESCAN
0
↑
1
-
0
1
0
0
0
1
0
0
(44h)
Set tear scanline
1
↑
1
-
N15
N14
N13
N12
N11
N10
N9
N8
1
↑
1
-
N7
N6
N5
N4
N3
N2
N1
N0
RDTESCAN
0
↑
1
-
0
1
0
0
0
1
0
1
(45h)
Get scanline
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy Read
1
1
↑
-
-
-
-
-
-
-
N9
N8
1
1
↑
-
N7
N6
N5
N4
N3
N2
N1
N0
WRDISBV
0
↑
1
-
0
1
0
1
0
0
0
1
(51h)
Write display
brightness
1
↑
1
-
DBV7
DBV6
DBV5
DBV4
DBV3
DBV2
DBV1
DBV0
RDDISBV
0
↑
1
-
0
1
0
1
0
0
1
0
(52h)
Read display
brightness value
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
DBV7
DBV6
DBV5
DBV4
DBV3
DBV2
DBV1
DBV0
WRCTRLD
0
↑
1
-
0
1
0
1
0
0
1
1
(53h)
Write CTRL
display
1
↑
1
-
0
0
BCTRL
0
DD
BL
0
0
RDCTRLD
0
↑
1
-
0
1
0
1
0
1
0
0
(54h)
Read CTRL
value dsiplay
1
1
↑
-
-
-
-
-
-
-
-
-
Dummy read
1
1
↑
-
0
0
BCTRL
0
DD
BL
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com