Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 165 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 165 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 161Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 162Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 163Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 164Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 165Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 166Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 167Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 168Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 169Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 319 page
background image
ST7789V2
Version 1.0
Page 165 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.2
SWRESET (01h): Software Reset
01H
SWRESET (Software Reset)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
SWRESET
0
↑
1
-
0
0
0
0
0
0
0
1
(01h)
Parameter
No Parameter
-
Description
“-“ Don’t care
-The display module performs a software reset, registers are written with their SW reset default values.
-Frame memory contents are unaffected by this command.
Restriction
It will be necessary to wait 5msec before sending new command following software reset.
The display module loads all display suppliers’ factory default values to the registers during this 5msec.
If software reset is sent during sleep in mode, it will be necessary to wait 120msec before sending sleep out command.
Software reset command cannot be sent during sleep out sequence.
Register
Availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
N/A
S/W Reset
N/A
H/W Reset
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com