Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 167 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 167 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 163Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 164Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 165Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 166Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 167Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 168Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 169Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 170Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 171Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 319 page
background image
ST7789V2
Version 1.0
Page 167 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.3
RDDID (04h): Read Display ID
04H
RDDID (Read Display ID)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RDDID
0
↑
1
-
0
0
0
0
0
1
0
0
(04h)
1st parameter
1
1
↑
-
-
-
-
-
-
-
-
-
-
2nd parameter
1
1
↑
-
ID17
ID16
ID15
ID14
ID13
ID12
ID11
ID10
3rd parameter
1
1
↑
-
ID27
ID26
ID25
ID24
ID23
ID22
ID21
ID20
4th parameter
1
1
↑
-
ID37
ID36
ID35
ID34
ID33
ID32
ID31
ID30
Description
-This read byte returns 24-bit display identification information.
-The 1st parameter is dummy data
-The 2nd parameter (ID17 to ID10): LCD module’s manufacturer ID.
-The 3rd parameter (ID26 to ID20): LCD module/driver version ID
-The 4th parameter (ID37 to UD30): LCD module/driver ID.
-Commands RDID1/2/3(Dah, DBh, DCh) read data correspond to the parameters 2,3,4 of the command 04h,
respectively.
“-“ Don’t care
Restriction
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
ID1
ID2
ID3
Power On Sequence
0x85
0x85
0x52
S/W Reset
0x85
0x85
0x52
H/W Reset
0x85
0x85
0x52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com