Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 170 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 170 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 166Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 167Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 168Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 169Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 170Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 171Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 172Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 173Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 174Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 319 page
background image
ST7789V2
Version 1.0
Page 170 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
SLPOUT
Sleep In/Out
‘1’ = Out, “0” = In
NORON
Display Normal Mode On/Off
‘1’ = Normal Display,
‘0’ = Partial Display
ST15
Vertical Scrolling Status (Not Used)
‘1’ = Scroll on,“0” = Scroll off
ST14
Horizontal Scroll Status (Not Used)
‘0’
INVON
Inversion Status
‘1’ = On, “0” = Off
ST12
All Pixels On (Not Used)
‘0’
ST11
All Pixels Off (Not Used)
‘0’
DISON
Display On/Off
‘1’ = On, “0” = Off
TEON
Tearing effect line on/off
‘1’ = On, “0” = Off
GCSEL2
Gamma Curve Selection
“000” = GC0
“001” = GC1
“010” = GC2
“011” = GC3
”100” to “111” = Not defined
GCSEL1
GCSEL0
TEM
Tearing effect line mode
‘0’ = mode1, ‘1’ = mode2
ST4
For Future Use
‘0’
ST3
For Future Use
‘0’
ST2
For Future Use
‘0’
ST1
For Future Use
‘0’
ST0
For Future Use
‘0’
“-“ Don’t care
Restriction
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value (ST31 to ST0)
ST[31-24]
ST[23-16]
ST[15-8]
ST[7-0]
Power On Sequence
0000-0000
0110-0001
0000-0000
0000-0000
S/W Reset
0xxx-xx00
0xxx-0001
0000-0000
0000-0000
H/W Reset
0000-0000
0110-0001
0000-0000
0000-0000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com