Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 200 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 200 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 196Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 197Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 198Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 199Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 200Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 201Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 202Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 203Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 204Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 200 / 319 page
background image
ST7789V2
Version 1.0
Page 200 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.20 CASET (2Ah): Column Address Set
2AH
CASET (Column Address Set)
Inst / Para
D/CX WRX RDX D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
CASET
0
↑
1
-
0
0
1
0
1
0
1
0
(2Ah)
1st parameter
1
↑
1
-
XS15
XS14
XS13
XS12
XS11
XS10
XS9
XS8
2nd parameter
1
↑
1
-
XS7
XS6
XS5
XS4
XS3
XS2
XS1
XS0
3rd parameter
1
↑
1
-
XE15
XE14
XE13
XE12
XE11
XE10
XE9
XE8
4th parameter
1
↑
1
-
XE7
XE6
XE5
XE4
XE3
XE2
XE1
XE0
2.
Description
-The value of XS [7:0] and XE [7:0] are referred when RAMWR command comes.
-Each value represents one column line in the Frame Memory.
XS[7:0]
XE[7:0]
Restriction
XS [15:0] always must be equal to or less than XE [15:0]
When XS [15:0] or XE [15:0] is greater than maximum address like below, data of out of range will
be ignored.
(Parameter range: 0 < XS [15:0] < XE [15:0] < 239 (00Efh)): MV=”0”)
(Parameter range: 0 < XS [15:0] < XE [15:0] < 319 (013Fh)): MV=”1”)
Register availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
XS[15:0]=0x00
XE[15:0]=0xEF
S/W Reset
XS[15:0]=0x00
When MV=0: XE[15:0]=00Efh,
When MV=1: XE[15:0]=013Fh
H/W Reset
XS[15:0]=0x00
XE[15:0]=0xEF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com