Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 202 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 202 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 198Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 199Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 200Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 201Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 202Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 203Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 204Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 205Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 206Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 202 / 319 page
background image
ST7789V2
Version 1.0
Page 202 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.21 RASET (2Bh): Row Address Set
2BH
RASET (Row Address Set)
Inst / Para
D/CX WRX RDX D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RASET
0
↑
1
-
0
0
1
0
1
0
1
1
(2Bh)
1st parameter
1
↑
1
-
YS15
YS14
YS13
YS12
YS11
YS10
YS9
YS8
2nd parameter
1
↑
1
-
YS7
YS6
YS5
YS4
YS3
YS2
YS1
YS0
3rd parameter
1
↑
1
-
YE15
YE14
YE13
YE12
YE11
YE10
YE9
YE8
4th parameter
1
↑
1
-
YE7
YE6
YE5
YE4
YE3
YE2
YE1
YE0
3.
Description
-This command is used to defined area of frame memory where MCU can access.
-The value of YS [15:0] and YE [15:0] are referred when RAMWR command comes.
-Each value represents one page line in the Frame Memory.
Restriction
YS [15:0] always must be equal to or less than YE [15:0]
When YS [15:0] or YE [15:0] is greater than maximum address like below, data of out of range will
be ignored.
(Parameter range: 0 < YS [15:0] < YE [15:0] < 319 (013fh)): MV=”0”)
(Parameter range: 0 < YS [15:0] < YE [15:0] < 239 (00EFh)): MV=”1”)
Register availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
YS[15:0]=0000h
YE[15:0]=013Fh
S/W Reset
YS[15:0]=0000h
When MV=0: YE[15:0]=013Fh,
When MV=1: YE[15:0]=00Efh
H/W Reset
YS[15:0]=0000h
YE[15:0]=013Fh
YS[15:0]
YE[15:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com