Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 206 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 206 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 202Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 203Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 204Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 205Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 206Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 207Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 208Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 209Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 210Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 319 page
background image
ST7789V2
Version 1.0
Page 206 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.23 RAMRD (2Eh): Memory Read
2EH
RAMRD (Memory Read)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
RAMRD
0
↑
1
-
0
0
1
0
1
1
1
0
(2Eh)
1st parameter
1
1
↑
-
-
-
-
-
-
-
-
-
2nd parameter
1
1
↑
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
1
1
↑
(N+1)th parameter
1
1
↑
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
Description
-This command is used to transfer data from frame memory to MCU.
-When this command is accepted, the column register and the row register are reset to the Start Column/Start
Row positions.
-The Start Column/Start Row positions are different in accordance with MADCTL setting.
-Then D[17:0] is read back from the frame memory and the column register and the row register incremented
-Frame Read can be cancelled by sending any other command.
-The data color coding is fixed to 18-bit in reading function. Please see section 9.8 “Data color coding” for color
coding (18-bit cases), when there is used 8, 9, 16 and 18-bit data lines for image data.
Note1: The Command 3Ah should be set to 66h when reading pixel data from frame memory.
Restriction
Register availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Contents of memory is set randomly
S/W Reset
Contents of memory is not cleared
H/W Reset
Contents of memory is not cleared



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com