Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 210 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 210 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 206Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 207Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 208Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 209Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 210Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 211Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 212Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 213Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 214Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 319 page
background image
ST7789V2
Version 1.0
Page 210 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.25 VSCRDEF (33h): Vertical Scrolling Definition
33H
(Vertical Scrolling Definition)
Inst / Para
D/CX WRX RDX D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
VSCRDEF
0
↑
1
-
0
0
1
1
0
0
1
1
(33h)
1st
parameter
1
↑
1
-
TFA15
TFA14
TFA13
TFA12
TFA11
TFA10
TFA9
TFA8
2nd
parameter
1
↑
1
-
TFA7
TFA6
TFA5
TFA4
TFA3
TFA2
TFA1
TFA0
3rd
parameter
1
↑
1
-
VSA15
VSA14
VSA13
VSA12
VSA11
VSA10
VSA9
VSA8
4th
parameter
1
↑
1
-
VSA7
VSA6
VSA5
VSA4
VSA3
VSA2
VSA1
VSA0
5th
parameter
1
↑
1
BFA15
BFA14
BFA13
BFA12
BFA11
BFA10
BFA9
BFA8
6th
parameter
1
↑
1
BFA7
BFA6
BFA5
BFA4
BFA3
BFA2
BFA1
BFA0
Description
-This command just defines the Vertical Scrolling Area of the display and not performs vertical scroll
-When MADCTL MV=0
-The 1st & 2nd parameter TFA [15:0] describes the Top Fixed Area (in No. of lines from Top of the Frame Memory and Display).
-The 3rd & 4th parameter VSA [15:0] describes the height of the Vertical Scrolling Area (in No. of lines of the Frame Memory
[not the display] from the Vertical Scrolling Start Address) The first line appears immediately after the bottom most line of the
Top Fixed Area.
-The 4th & 5th parameter BFA [6:0] describes the Bottom Fixed Area (in No. of lines from Bottom of the Frame Memory and
Display).
TFA, VSA and BFA refer to the Frame Memory Line Pointer
Restriction The condition is TFA+VSA+BFA = 320, otherwise Scrolling mode is undefined.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com