Electronic Components Datasheet Search
  English  ▼

X  

ST7789V2 Datasheet(PDF) 215 Page - Sitronix Technology Co., Ltd.

Part # ST7789V2
Description  Single chip TFT-LCD Controller/Driver with On-chip Frame Memory (FM)
PDF  319 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SITRONIX [Sitronix Technology Co., Ltd.]
Direct Link  http://www.sitronix.com.tw
Logo SITRONIX - Sitronix Technology Co., Ltd.

ST7789V2 Datasheet(HTML) 215 Page - Sitronix Technology Co., Ltd.

Back Button ST7789V2 Datasheet HTML 211Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 212Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 213Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 214Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 215Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 216Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 217Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 218Page - Sitronix Technology Co., Ltd. ST7789V2 Datasheet HTML 219Page - Sitronix Technology Co., Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 319 page
background image
ST7789V2
Version 1.0
Page 215 of 319
2016/11
Sitronix Confidential
The information contained herein is the exclusive property of Sitronix and shall not be distributed, reproduced, or
disclosed in whole or in part without prior written permission of Sitronix.
9.1.27 TEON (35h): Tearing Effect Line On
35H
TEON (Tearing Effect Line On)
Inst / Para
D/CX
WRX
RDX
D17-8
D7
D6
D5
D4
D3
D2
D1
D0
HEX
TEON
0
↑
1
-
0
0
1
1
0
1
0
1
(35h)
parameter
1
↑
1
-
0
0
0
0
0
0
0
TEM
Description
-This command is used to turn ON the Tearing Effect output signal from the TE signal line.
-This output is not affected by changing MADCTL bit ML.
-The Tearing Effect Line On has one parameter, which describes the mode of the Tearing Effect Output Line:
-When TEM =’0’: The Tearing Effect output line consists of V-Blanking information
only
T
vdl
T
vdh
Vertical time scale
-When TEM =’1’: The Tearing Effect output Line consists of both V-Blanking and H-Blanking information
T
vdl
T
vdh
Vertical time scale
Note: During Sleep In Mode with Tearing Effect Line On, Tearing Effect Output pin will be active Low.
Restriction
This command has no effect when tearing effect output is already on.
Register
availability
Status
Availability
Normal Mode On, Idle Mode Off, Sleep Out
Yes
Normal Mode On, Idle Mode On, Sleep Out
Yes
Partial Mode On, Idle Mode Off, Sleep Out
Yes
Partial Mode On, Idle Mode On, Sleep Out
Yes
Sleep In
Yes
Default
Status
Default Value
Power On Sequence
Off
S/W Reset
Off
H/W Reset
Off



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com