Electronic Components Datasheet Search
  English  ▼

X  

VL6524 Datasheet(PDF) 54 Page - STMicroelectronics

Part # VL6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 50Page - STMicroelectronics VL6524 Datasheet HTML 51Page - STMicroelectronics VL6524 Datasheet HTML 52Page - STMicroelectronics VL6524 Datasheet HTML 53Page - STMicroelectronics VL6524 Datasheet HTML 54Page - STMicroelectronics VL6524 Datasheet HTML 55Page - STMicroelectronics VL6524 Datasheet HTML 56Page - STMicroelectronics VL6524 Datasheet HTML 57Page - STMicroelectronics VL6524 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 70 page
background image
Register map
VL6524/VS6524
54/70
Dither control
Output formatter control
Table 28.
Dither control
Name
Index
R/W
Data
Type
Format
default
Description
DitherControl
0x2080
R/W
C
0x00
0x00 = Dither RGB modes only
0x01 = Dither function OFF
0x02 = Dither function ON
Table 29.
Output formatter control
Name
Index
R/W
Data
Type
Format
default
Description
bCodeCheckEnable
0x2100
R/W
C
0x07
0x00 - allow all output values
1 = suppress 0xFF
2 = suppress 0x00
3 = suppress 0x00 and 0xFF from output
bSyncCodeSetup
0x2104
R/W
B
0x01
[0] Enable Sync Codes
[1] Sync Code Type
(0 = ITU, 1 = mode2)
[2] Odd/Even field
(0 =even, 1 =odd)
[3] Toggle (1 = Toggle)
[4] Load (set high then low over a frame
boundary to consume a change applied in
[2] or [3])
bHSyncSetup
0x2106
R/W
B
0x0b
[0] Enable
[1] Polarity
[2] Active lines only
[3] Automatic/manual
bVSyncSetup
0x2108
R/W
B
0x07
[0] Enable
[1] Polarity
[2] Automatic/Manual
bPClkSetup
0x210a
R/W
B
0x05
[0] Edge (1=positive, 0 =negative)
[1] Non-active level
(1=high. 0 = low)
[2] Enable
[7] Free-running
fpPclkEn
0x210c
R/W
B
0x01
0 = False - 1 = True
bBlankData_MSB
0x2110
R/W
I
0x10
Blanking MSB
bBlankData_LSB
0x2112
R/W
I
0x80
Blanking LSB
bRgbSetup
0x2114
R/W
B
0x00
[0] RGB 444 - zero packing
[1] Swap R and B components
[2] Reverse Bits
bYuvSetup
0x2116
R/W
B
0x00
[0] Cb_first
[1] Y first



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com