Electronic Components Datasheet Search
  English  ▼

X  

VL6524 Datasheet(PDF) 66 Page - STMicroelectronics

Part # VL6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 Datasheet(HTML) 66 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 62Page - STMicroelectronics VL6524 Datasheet HTML 63Page - STMicroelectronics VL6524 Datasheet HTML 64Page - STMicroelectronics VL6524 Datasheet HTML 65Page - STMicroelectronics VL6524 Datasheet HTML 66Page - STMicroelectronics VL6524 Datasheet HTML 67Page - STMicroelectronics VL6524 Datasheet HTML 68Page - STMicroelectronics VL6524 Datasheet HTML 69Page - STMicroelectronics VL6524 Datasheet HTML 70Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 66 / 70 page
background image
Package outline
VL6524/VS6524
66/70
14.2
LGA
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a Lead-free second level interconnect . The category of
second Level Interconnect is marked on the package and on the inner box label, in
compliance with JEDEC Standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com.
Table 41.
LGA package mechanical data
Data book (mm)
Symbol
Min.
Typ.
Max.
A
1.80
1.90
2.00
A4
0.35
0.4
0.45
A5
0.7
0.8
0.9
B1
2.0
B2
3.5
B3
0.55
b
0.25
0.30
0.35
D
9.90
10.00
10.10
D1
9.60
9.70
9.80
D2
5
D4
5.4
e0.8
E
9.90
10.00
10.10
E1
9.60
9.70
9.80
E2
5
E4
4.5
G
1.0
1.1
1.2
G1
1
G2
0.3
0.4
0.5
G3
0.8
0.9
1.0
G4
0.8
H
0.8
0.9
1.0
H1
0.8
H2
0.3
0.4
0.5
I
3.95
4.05
4.15
J4.1
K0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com