Electronic Components Datasheet Search
  English  ▼

X  

VL6524 Datasheet(PDF) 47 Page - STMicroelectronics

Part # VL6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 Datasheet(HTML) 47 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 43Page - STMicroelectronics VL6524 Datasheet HTML 44Page - STMicroelectronics VL6524 Datasheet HTML 45Page - STMicroelectronics VL6524 Datasheet HTML 46Page - STMicroelectronics VL6524 Datasheet HTML 47Page - STMicroelectronics VL6524 Datasheet HTML 48Page - STMicroelectronics VL6524 Datasheet HTML 49Page - STMicroelectronics VL6524 Datasheet HTML 50Page - STMicroelectronics VL6524 Datasheet HTML 51Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 70 page
background image
VL6524/VS6524
Register map
47/70
bdataFormat0
0x0396
R/W
C
0x01
0x00 = YCbCr_JFIF
0x01 = YCbCr_Rec601
0x02 = YCbCr_Custom
0x03 = RGB_565
0x04 = RGB_565_Custom
0x05 = RGB_444
0x06 = RGB_444_Custom
0x07 = reserved
0x08 = Bayer output VP
bBayerOutput
Alignment0
0x398
R/W
C
0x04
0x04 = Bayer output right shifted
0x05 = Bayer output left shifted
bContrast0
0x039a
I
0x79
Contrast control (%)
bColorSaturation0
0x039c
I
0x7d
Color saturation control (%)
bGamma0
0x039e
I
0x0f
Gamma settings
0x00 = Gamma_Linear
0x10 = Gamma SMPTE 240M
0x1F = Gamma_Max
fHorizontaiMirror0
0x03a0
B
0x00
Horizontal mirror control,
0x00 = False - 0x01 = True
fVerticalFlip0
0x03a2
B
0x00
Vertical mirror control,
0x00 = False - 0x01= True
Table 16.
Pipe setup bank0 control
Name
Index
R/W
Data
Type
Format
default
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70