Electronic Components Datasheet Search
  English  ▼

X  

VL6524 Datasheet(PDF) 63 Page - STMicroelectronics

Part # VL6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 Datasheet(HTML) 63 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 59Page - STMicroelectronics VL6524 Datasheet HTML 60Page - STMicroelectronics VL6524 Datasheet HTML 61Page - STMicroelectronics VL6524 Datasheet HTML 62Page - STMicroelectronics VL6524 Datasheet HTML 63Page - STMicroelectronics VL6524 Datasheet HTML 64Page - STMicroelectronics VL6524 Datasheet HTML 65Page - STMicroelectronics VL6524 Datasheet HTML 66Page - STMicroelectronics VL6524 Datasheet HTML 67Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 70 page
background image
VL6524/VS6524
Electrical characteristics
63/70
13.4.4
Parallel data interface timing
VL6524/VS6524 contains a parallel data output port (D[7:0]) and associated qualification
signals (HSYNC, VSYNC, PCLK and FSO).
This port can be enabled and disabled (tri-stated) to facilitate multiple camera systems or
bit-serial output configurations. The port is disabled (high impedance) upon reset.
Figure 35.
Parallel data output video timing
13.5
ESD handling characteristics
Table 39.
Parallel data interface timings
Symbol
Description
Conditions
Min.
Typ.
Max.
Unit
fPCLK
PCLK frequency
26
MHz
tPCLKL
PCLK low width
10
ns
tPCLKH
PCLK high width
10
ns
tDV
PCLK to output valid
-5
5
ns
tPCLKL
tPCLKH
1/fPCLK
PCLK
D[0:7]
HSYNC
polarity = 0
tDV
Valid
VSYNC
Table 40.
ESD handling characteristics
Test
Criteria
Unit
ESD Machine Model
150
V
ESD Human body
1.5
kV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com