Electronic Components Datasheet Search
  English  ▼

X  

VL6524 Datasheet(PDF) 34 Page - STMicroelectronics

Part # VL6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 30Page - STMicroelectronics VL6524 Datasheet HTML 31Page - STMicroelectronics VL6524 Datasheet HTML 32Page - STMicroelectronics VL6524 Datasheet HTML 33Page - STMicroelectronics VL6524 Datasheet HTML 34Page - STMicroelectronics VL6524 Datasheet HTML 35Page - STMicroelectronics VL6524 Datasheet HTML 36Page - STMicroelectronics VL6524 Datasheet HTML 37Page - STMicroelectronics VL6524 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 70 page
background image
Host communication - I²C control interface
VL6524/VS6524
34/70
Figure 20.
Device addresses
a)
R/W = 0 then the master (transmitter) is writing to the slave (receiver).
b)
R/W = 1 the master (receiver) is reading from the slave (transmitter).
3.
The addressed slave acknowledges the device address.
4.
Data transmitted on the bus
a)
When a write is performed then master outputs 8-bits of data on SDA (MS Bit
first).
b)
When a read is performed then slave outputs 8-bits of data on SDA (MS Bit First).
5.
Data receive acknowledge
a)
When a write is performed slave acknowledges data.
b)
When a read is performed master acknowledges data.
Repeat 4 and 5 until all the required data has been written or read.
Minimum number of data bytes for a read =1 (Shortest Message length is 2-bytes).
The master outputs a negative acknowledge for the data when reading the last byte of
data. This causes the slave to stop the output of data and allows the master to generate
a STOP condition.
6.
Master generates a STOP condition or a repeated START.
Data valid
The data on SDA is stable during the high period of SCL. The state of SDA is changed
during the low phase of SCL. The only exceptions to this are the start (S) and stop (P)
conditions as defined below. (See
Figure 33: Timing specification and Table 38: Timing
specification).
Figure 21.
SDA data valid
0
0
1
0
0
0
0
R/W
Sensor Address
0
0
1
0
0
0
0
0
0
0
1
0
0
0
0
1
Sensor write Address 20H
Sensor read Address 21H
Data line
stable
Data valid
Data line
stable
Data valid
Data change
SDA
SCL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com