Electronic Components Datasheet Search
  English  ▼

X  

VL6524 Datasheet(PDF) 51 Page - STMicroelectronics

Part # VL6524
Description  VGA single-chip camera module
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6524 Datasheet(HTML) 51 Page - STMicroelectronics

Back Button VL6524 Datasheet HTML 47Page - STMicroelectronics VL6524 Datasheet HTML 48Page - STMicroelectronics VL6524 Datasheet HTML 49Page - STMicroelectronics VL6524 Datasheet HTML 50Page - STMicroelectronics VL6524 Datasheet HTML 51Page - STMicroelectronics VL6524 Datasheet HTML 52Page - STMicroelectronics VL6524 Datasheet HTML 53Page - STMicroelectronics VL6524 Datasheet HTML 54Page - STMicroelectronics VL6524 Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 70 page
background image
VL6524/VS6524
Register map
51/70
Exposure status (Read only)
Exposure algorithm control
Flashgun control
Table 21.
Exposure status
Name
Index
R/W
Data
Type
Format
default
Description
fpCompiledTime (MSB)
0x121d
R
M F
Present exposure time as calculated by the
compiler taking into account the framerate
used.
fpCompiledTime (LSB)
0x121e
R
M F
Table 22.
Exposure algorithm control
Name
Index
R/W
Data
Type
Format
default
Description
bLeakShift
0x113c
R/W
I
0x02
Control exposure leaky integrator.
Set to 0 for reactive systems.
Set to 4 for more stable systems.
Table 23.
Flashgun control
Name
Index
R/W
Data
Type
Format
default
Description
bFlashgunMode
0x1780
R/W
C
0x00
Manual flashgun control(1)
0x00 = Flash off
0x01 = Torch (FSO pin high)
0x02 = Flash pulse
1.
The mode control register has priority over this function
uwFlashgunOffLine
MSB
0x1783
R/W
M I
0x02
This is used to set the duration of the flash.
The value equals the line in the frame
during which the flashgun pulse is switched
off.
uwFlashgunOffLine
LSB
0x1784
R/W
M I
0x1c



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com