Electronic Components Datasheet Search
  English  ▼

X  

AD1936 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1936
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1936 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1936 Datasheet HTML 3Page - Analog Devices AD1936 Datasheet HTML 4Page - Analog Devices AD1936 Datasheet HTML 5Page - Analog Devices AD1936 Datasheet HTML 6Page - Analog Devices AD1936 Datasheet HTML 7Page - Analog Devices AD1936 Datasheet HTML 8Page - Analog Devices AD1936 Datasheet HTML 9Page - Analog Devices AD1936 Datasheet HTML 10Page - Analog Devices AD1936 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Preliminary Technical Data
AD1935/AD1936/AD1937/AD1938/AD1939
Rev. Pr
I | Page 7 of 30
Figure 2. ADC Passband Filter Response, 48 kHz
Figure 3. ADC Stopband Filter Response, 48 kHz
Figure 4. DAC Passband Filter Response, 48 kHz
Figure 5. DAC Stopband Filter Response, 48 kHz
Figure 6. DAC Passband Filter Response, 96 kHz
Figure 7. DAC Stopband Filter Response, 96 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com