Electronic Components Datasheet Search
  English  ▼

X  

AD1936 Datasheet(PDF) 24 Page - Analog Devices

Part # AD1936
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1936 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD1936 Datasheet HTML 20Page - Analog Devices AD1936 Datasheet HTML 21Page - Analog Devices AD1936 Datasheet HTML 22Page - Analog Devices AD1936 Datasheet HTML 23Page - Analog Devices AD1936 Datasheet HTML 24Page - Analog Devices AD1936 Datasheet HTML 25Page - Analog Devices AD1936 Datasheet HTML 26Page - Analog Devices AD1936 Datasheet HTML 27Page - Analog Devices AD1936 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 30 page
background image
AD1935/AD1936/AD1937/AD1938/AD1939
Preliminary Technical Data
Rev. Pr
I | Page 24 of 30
PLL AND CLOCK CONTROL REGISTERS
PLL and Clock control 0
Bit
Value
Function
Description
0
0
1
Normal operation
Power down
PLL power down
2:1
00
01
10
11
INPUT 256 (x 44.1 or 48kHz)
INPUT 384 (x 44.1 or 48kHz)
INPUT 512 (x 44.1 or 48kHz)
INPUT 768 (x 44.1 or 48kHz)
MCLK pin functionality (PLL active)
4:3
00
01
10
11
XTAL Oscillator Enabled
256xfs VCO Output
512xfs VCO Output
Off
MCLK_O pin
6:5
00
01
10
11
MCLK
DLRCLK
ALRCLK
Reserved
PLL input
7
0
1
Disable: ADC and DAC Idle
Enable: ADC and DAC Active
Internal MCLK Enable
Table 18
PLL and Clock control 1
Bit
Value
Function
Description
0
0
1
PLL Clock
MCLK
DAC Clock Source Select
1
0
1
PLL Clock
MCLK
ADC Clock Source Select
2
0
1
Enabled
Disabled
On-chip Voltage Reference
3
0
1
Not Locked
Locked
PLL Lock Indicator (Read Only)
7:4
0000
Reserved
Table 19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com