Electronic Components Datasheet Search
  English  ▼

X  

AD1936 Datasheet(PDF) 14 Page - Analog Devices

Part # AD1936
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1936 Datasheet(HTML) 14 Page - Analog Devices

Back Button AD1936 Datasheet HTML 10Page - Analog Devices AD1936 Datasheet HTML 11Page - Analog Devices AD1936 Datasheet HTML 12Page - Analog Devices AD1936 Datasheet HTML 13Page - Analog Devices AD1936 Datasheet HTML 14Page - Analog Devices AD1936 Datasheet HTML 15Page - Analog Devices AD1936 Datasheet HTML 16Page - Analog Devices AD1936 Datasheet HTML 17Page - Analog Devices AD1936 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 30 page
background image
AD1935/AD1936/AD1937/AD1938/AD1939
Preliminary Technical Data
Rev. Pr
I | Page 14 of 30
LRCLK
BCLK
DATA
SLOT 1
LEFT 1
SLOT 2
RIGHT 1
SLOT 5
RIGHT 2
SLOT 6
32 BCLKs
MSB
MSB–1
MSB–2
256 BCLKs
SLOT 3 SLOT 4
SLOT 7 SLOT 8
LRCLK
BCLK
DATA
LEFT 2
LRCLK
BCLK
DATA
SLOT 1
LEFT 1
SLOT 2
RIGHT 1
SLOT 5
RIGHT 2
SLOT 6
32 BCLKs
MSB
MSB–1
MSB–2
256 BCLKs
SLOT 3 SLOT 4
SLOT 7 SLOT 8
LRCLK
BCLK
DATA
LEFT 2
Figure 16. ADC TDM (8-channel I2Smode )
LRCLK
BCLK
DATA
SLOT 1
LEFT 1
SLOT 2
RIGHT 1
SLOT 5
RIGHT 2
SLOT 6
32 BCLKs
MSB
MSB–1
MSB–2
256 BCLKs
SLOT 3 SLOT 4
SLOT 7 SLOT 8
LRCLK
BCLK
DATA
LEFT 2
RIGHT 3
LEFT 3
RIGHT 4
LEFT 4
LRCLK
BCLK
DATA
SLOT 1
LEFT 1
SLOT 2
RIGHT 1
SLOT 5
RIGHT 2
SLOT 6
32 BCLKs
MSB
MSB–1
MSB–2
256 BCLKs
SLOT 3 SLOT 4
SLOT 7 SLOT 8
LRCLK
BCLK
DATA
LEFT 2
RIGHT 3
LEFT 3
RIGHT 4
LEFT 4
Figure 17. DAC TDM (8-channel I2S mode)
FSTDM
ADC L1
ADC R1
ADC L2
ADC R2
AUX ADC L1
AUX ADC R1
AUX ADC L2
AUX ADC R2
DAC L1
DAC R1
DAC L2
DAC L3
DAC R3
DAC L4
MSB TDM
1ST
CH
LEFT
RIGHT
I2S- MSB RIGHT
I2S- MSB LEFT
BCLK
TDM
ASDATA1
TDM (OUT)
ASDATA
DSDATA1
TDM (IN)
DSDATA1
AUX LRCLK
(FROM AUX ADC 1)
AUX BCLK
(FROM AUX ADC 1)
AUX DATA IN 1
(FROM AUX ADC 1)
AUX DATA IN 2
(FROM AUX ADC 2)
AUX BCLK FREQUENCY IS 64
× FRAME-RATE; TDM BCLK FREQUENCY IS 256 × FRAME-RATE.
MSB TDM
8TH
CH
32
32
MSB TDM
1ST
CH
MSB TDM
8TH
CH
I2S- MSB RIGHT
I2S- MSB LEFT
DAC R2
DAC R4
Figure 18. AUX 256 Mode Timing (Note that the Clocks Are Not to Scale)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com