Electronic Components Datasheet Search
  English  ▼

X  

AD1936 Datasheet(PDF) 25 Page - Analog Devices

Part # AD1936
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1936 Datasheet(HTML) 25 Page - Analog Devices

Back Button AD1936 Datasheet HTML 21Page - Analog Devices AD1936 Datasheet HTML 22Page - Analog Devices AD1936 Datasheet HTML 23Page - Analog Devices AD1936 Datasheet HTML 24Page - Analog Devices AD1936 Datasheet HTML 25Page - Analog Devices AD1936 Datasheet HTML 26Page - Analog Devices AD1936 Datasheet HTML 27Page - Analog Devices AD1936 Datasheet HTML 28Page - Analog Devices AD1936 Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 30 page
background image
Preliminary Technical Data
AD1935/AD1936/AD1937/AD1938/AD1939
Rev. Pr
I | Page 25 of 30
DAC CONTROL REGISTERS
DAC control 0
Bit
Value
Function
Description
0
0
1
Normal
Power down
Power Down
2:1
00
01
10
11
32/44.1/48 kHz
64/88.2/96 kHz
128/176.4/192 kHz
Reserved
Sample Rate
5:3
000
001
010
011
100
101
110
111
1
0
8
12
16
Reserved
Reserved
Reserved
SDATA Delay (BCLK periods)
7:6
00
01
10
11
Stereo (Normal)
TDM (Daisy Chain)
DAC Aux mode (ADC, DAC TDM coupled)
Dual-line TDM
Serial Format
Table 20
DAC control 1
Bit
Value
Function
Description
0
0
1
Latch in mid cycle (normal)
Latch in at end of cycle (pipeline)
BCLK Active Edge (TDM In)
2:1
00
01
10
11
64 (2 channels)
128 (4 channels)
256 (8 channels)
512 (16 channels)
BCLKs Per Frame
3
0
1
Left low
Left high
LRCLK Polarity
4
0
1
Slave
Master
LRCLK Master/Slave
5
0
1
Slave
Master
BCLK Master/Slave
6
0
1
DBCLK pin
Internally generated
BCLK Source
7
0
1
Normal
Inverted
BCLK Polarity
Table 21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com