Electronic Components Datasheet Search
  English  ▼

X  

AD1936 Datasheet(PDF) 23 Page - Analog Devices

Part # AD1936
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1936 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD1936 Datasheet HTML 19Page - Analog Devices AD1936 Datasheet HTML 20Page - Analog Devices AD1936 Datasheet HTML 21Page - Analog Devices AD1936 Datasheet HTML 22Page - Analog Devices AD1936 Datasheet HTML 23Page - Analog Devices AD1936 Datasheet HTML 24Page - Analog Devices AD1936 Datasheet HTML 25Page - Analog Devices AD1936 Datasheet HTML 26Page - Analog Devices AD1936 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Preliminary Technical Data
AD1935/AD1936/AD1937/AD1938/AD1939
Rev. Pr
I | Page 23 of 30
REGISTER DEFINITIONS
Register format
Global Address
R/W
Register Address
Data
Bit
23:17
16
15:8
7:0
Table 16
Note 1: The format is the same for I2C and SPI.
Note 2: Global address for the AD193X series is 0x04, shifted left 1 bit due to the R/W bit.
Note 3: In I2C, ADR0 and ADR1 are ORed into bits 17 and 18 to provide multiple chip addressing.
Note 4: All registers are reset to 0, except for the DAC volume registers which are set to full volume.
Register addresses and functions
Address
Function
0
PLL and Clock Control 0
1
PLL and Clock Control 1
2
DAC Control 0
3
DAC Control 1
4
DAC Control 2
5
DAC Individual Channel Mutes
6
DAC 1L Vol Control
7
DAC 1R Vol Control
8
DAC 2L Vol Control
9
DAC 2R Vol Control
10
DAC 3L Vol Control
11
DAC 3R Vol Control
12
DAC 4L Vol Control
13
DAC 4R Vol Control
14
ADC Control 0
15
ADC Control 1
16
ADC Control 2
Table 17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com