Electronic Components Datasheet Search
  English  ▼

X  

AD1936 Datasheet(PDF) 10 Page - Analog Devices

Part # AD1936
Description  4 ADC/8 DAC with PLL, 192 kHz, 24 Bit CODEC
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1936 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD1936 Datasheet HTML 6Page - Analog Devices AD1936 Datasheet HTML 7Page - Analog Devices AD1936 Datasheet HTML 8Page - Analog Devices AD1936 Datasheet HTML 9Page - Analog Devices AD1936 Datasheet HTML 10Page - Analog Devices AD1936 Datasheet HTML 11Page - Analog Devices AD1936 Datasheet HTML 12Page - Analog Devices AD1936 Datasheet HTML 13Page - Analog Devices AD1936 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
AD1935/AD1936/AD1937/AD1938/AD1939
Preliminary Technical Data
Rev. Pr
I | Page 10 of 30
oscillator generate the master clock. In addition, it is especially
important that the clock signal should not be passed through an
FPGA, CPLD, or other large digital chip (such as a DSP) before
being applied to the AD193X. In most cases, this will induce clock
jitter due to the sharing of common power and ground connections
with other unrelated digital output signals. When the PLL is used,
jitter in the reference clock will be attenuated above a certain
frequency depending on the loop filter.
Reset and Power-Down
Reset will set all the control registers to their default settings. To
avoid pops, reset does not power down the analog outputs. After
reset is de-asserted, an initialization routine will run inside the
AD193X. This initialization lasts for approximately XX MCLKs.
The power-down bits in the PLL and Clock Control 0, DAC
Control 1, and ADC Control 1 registers will power down the
respective sections. All other register settings are retained.
Serial Control Port
The AD193X has an SPI or I2C compatible control port that
permits programming and reading back the internal control
registers for the ADCs, DACs, and clock system. There is also a
stand-alone mode available for operation without serial control,
configured at reset using the serial control pins. All registers are set
to default except Internal MCLK Enable is set to 1 and ADC BCLK
and LRCLK Master/Slave is set by COUT/SDA. Refer to Table 10
for details.
ADC
Clocks:
CIN/ADR0
COUT/SDA
CCLK/SCL
CLATCH/ADR1
Slave
0
0
0
0
Master
0
1
0
0
Table 11. Stand-alone Mode Selection
The SPI control port of the AD1938 and AD1939 is a 4-wire serial
control port. The format is similar to the Motorola SPI format
except the input data-word is 24 bits wide. The serial bit clock and
latch may be completely asynchronous to the sample rate of the
ADCs and DACs. Figure 10 shows the format of the SPI signal. The
first byte is a global address with a read/write bit. For the AD193X
the address is 0x04, shifted left 1 bit due to the R/W bit. The
second byte is the AD193X register address and the third byte is the
data.
CLATCH
CCLK
CIN
COUT
D0
D8
D0
D15
D14
D9
D8
tCCH tCCL
D9
tCDS tCDH
tCLS
tCLH
tCOD
tCOTS
tCCP
tCOE
Figure 10. Format of SPI Signal
The I2C interface of the AD1936 and AD1937 is a two wire
interface consisting of a clock line, SCL and a data line, SDA. SDA is
bidirectional and the AD1936 and AD1937 will drive SDA either to
acknowledge the master, ACK, or to send data during a read
operation. The SDA pin for the I2C port is an open drain collector
and requires a 1KΩ pullup resistor. A write or read access occurs
when the SDA line is pulled low while the SCL line is high
indicated by START in the timing diagrams. SDA is only allowed to
change when SCL is low except when a START or STOP condition
occurs as shown in figures 3 and 4. The first eight bits of the access
consist of the device address and the R/W bit. The device address
consists of an internal built-in address (0x04) and two address pins,
AD1 and AD0. The two address pins allow up to four AD1936s and
AD1937s to be used in a system. Initiating a write operation to the
AD1936 and AD1937 involves sending a START condition and
then sending the device address with the R/W set low. The AD1936
and AD1937 will respond by issuing an ACK to indicate that it has
been addressed. The user then sends a second frame telling the
AD1936 and AD1937 which register is required to be written to.
Another ACK is issued by the AD1936 and AD1937. Finally the
user can send another frame with the 8 data bits required to be
written to the register. A third ACK is issued by the AD1936 and
AD1937 after which the user can send a STOP condition to
complete the data transfer.
A read operation requires that the user first write to the AD1936
and AD1937 to point to the correct register and then read the data.
This is achieved by sending a START condition followed by the
device address frame, with R/W low, and then the register address
frame. Following the ACK from the AD1936 and AD1937 the user
must issue a REPEATED START condition. This is identical to a
START condition. The next frame is the device address with R/W
set high. On the next frame the AD1936 and AD1937 will output
the register data on the SDA line. A STOP condition completes the
read operation. Figure 3 and Figure 4 show examples of writing to
and reading from the DAC 1 Left Volume Register (address = 0x06)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com