Electronic Components Datasheet Search
  English  ▼

X  

AD5362 Datasheet(PDF) 1 Page - Analog Devices

Part # AD5362
Description  8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362 Datasheet(HTML) 1 Page - Analog Devices

  AD5362 Datasheet HTML 1Page - Analog Devices AD5362 Datasheet HTML 2Page - Analog Devices AD5362 Datasheet HTML 3Page - Analog Devices AD5362 Datasheet HTML 4Page - Analog Devices AD5362 Datasheet HTML 5Page - Analog Devices AD5362 Datasheet HTML 6Page - Analog Devices AD5362 Datasheet HTML 7Page - Analog Devices AD5362 Datasheet HTML 8Page - Analog Devices AD5362 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
8-Channel, 16/14-Bit,
Serial Input, Voltage-Output DAC
Preliminary Technical Data
AD5362/AD5363
Rev. P
rF
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
8-channel DAC in 52-LQFP and 56-LFCSP
Guaranteed monotonic to 16/14 bits
Nominal output voltage range of -10 V to +10 V
Multiple output spans available
Temperature Monitoring Function
Channel Monitoring Multiplexer
GPIO Function
System calibration function allowing user-programmable
offset and gain
Channel grouping and addressing features
Data error checking feature
SPI compatible serial interface
2.5 V to 5.5 V JEDEC-compliant digital levels
Power-on reset
Digital reset (RESET)
Clear function to user-defined SIGGND (CLR pin)
Simultaneous update of DAC outputs (LDAC pin)
APPLICATIONS
Instrumentation
Industrial Control System
PLC Analog I/O Cards
Level setting in automatic test equipment (ATE)
Variable optical attenuators (VOA)
Precision Medical Instruments
FUNCTIONAL BLOCK DIAGRAM
CONTROL
REGISTER
STATE
MACHINE
n
POWER-ON
RESET
SYNC
SDI
SCLK
SDO
BUSY
RESET
CLR
AD5362/
AD5363
SERIAL
INTERFACE
8
BIN/2SCOMP
DAC 0
REGISTER
n
n
4
4
TO
MUX 2's
A/B SELECT
REGISTER
MUX
2
X2A REGISTER
X2B REGISTER
OFS1
REGISTER
14
14
DAC 0
OFFSET
DAC 1
BUFFER
DAC 3
REGISTER
n
n
MUX
2
X2A REGISTER
X2B REGISTER
DAC 3
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
GROUP 1
LDAC
DVCC
VDD
VSS AGND DNGD
DAC 0
REGISTER
n
n
4
4
TO
MUX 2's
A/B SELECT
REGISTER
MUX
2
X2A REGISTER
X2B REGISTER
OFS0
REGISTER
14
14
DAC 0
OFFSET
DAC 0
BUFFER
GROUP 0
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
·
DAC 3
REGISTER
n
n
MUX
2
X2A REGISTER
X2B REGISTER
DAC 3
BUFFER
AD5362, n = 16
AD5363, n = 14
GPIO
REGISTER
TEMP
SENSOR
TEMP_OUT
PEC
MON_IN0
MON_IN1
GPIO
MON_OUT
VOUT0 -
VOUT7
MUX
6
2
VOUT4
VOUT5
VOUT6
VOUT7
SIGGND1
VREF0
SIGGND0
VOUT0
VOUT1
VOUT2
VOUT3
VREF1
OUTPUT BUFFER
AND POWER
DOWN CONTROL
OUTPUT BUFFER
AND POWER
DOWN CONTROL
OUTPUT BUFFER
AND POWER
DOWN CONTROL
OUTPUT BUFFER
AND POWER
DOWN CONTROL
5362-0001B
n
n
n
n
n
n
n
A/B
MUX
X1 REGISTER
MREGISTER
CREGISTER
n
n
n
n
n
n
n
A/B
MUX
X1 REGISTER
MREGISTER
CREGISTER
n
n
n
n
n
n
n
A/B
MUX
X1 REGISTER
MREGISTER
CREGISTER
n
n
n
n
n
n
n
A/B
MUX
X1 REGISTER
MREGISTER
CREGISTER
Figure 1.
AD5362/AD5363—Protected by U.S. Patent No. 5,969,657; other patents pending


Similar Part No. - AD5362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5362 AD-AD5362 Datasheet
701Kb / 29P
8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5362 AD-AD5362_15 Datasheet
701Kb / 29P
8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
More results

Similar Description - AD5362

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5543 AD-AD5543 Datasheet
259Kb / 12P
Current Output/ Serial Input, 16-/14-Bit DAC
2/03-Data Sheet changed from REV. 0 to REV. A.
AD5360 AD-AD5360 Datasheet
284Kb / 25P
16-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
AD5371 AD-AD5371 Datasheet
300Kb / 25P
40-Channel, 14-Bit Serial Input, Voltage-Output DAC
AD5360 AD-AD5360_08 Datasheet
825Kb / 28P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5360 AD-AD5360_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5361 AD-AD5361_15 Datasheet
624Kb / 29P
16-Channel, 16-/14-Bit, Serial Input, Voltage-Output DAC
REV. A
AD5362 AD-AD5362_15 Datasheet
701Kb / 29P
8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5363 AD-AD5363_15 Datasheet
701Kb / 29P
8-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. A
AD5372 AD-AD5372_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
AD5373 AD-AD5373_15 Datasheet
722Kb / 29P
32-Channel, 16-/14-Bit, Serial Input, Voltage Output DAC
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com