Electronic Components Datasheet Search
  English  ▼

X  

AD5362 Datasheet(PDF) 20 Page - Analog Devices

Part # AD5362
Description  8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362 Datasheet(HTML) 20 Page - Analog Devices

Back Button AD5362 Datasheet HTML 16Page - Analog Devices AD5362 Datasheet HTML 17Page - Analog Devices AD5362 Datasheet HTML 18Page - Analog Devices AD5362 Datasheet HTML 19Page - Analog Devices AD5362 Datasheet HTML 20Page - Analog Devices AD5362 Datasheet HTML 21Page - Analog Devices AD5362 Datasheet HTML 22Page - Analog Devices AD5362 Datasheet HTML 23Page - Analog Devices AD5362 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
AD5362/AD5363
Preliminary Technical Data
Rev. P
rF | Page 20 of 25
Table 10.Group and Channel Addressing
This table shows which group(s) and which channel(s) is/are addressed for every combination of address bits A4 to A0.
ADDRESS BITS A4 TO A3
00
01
10
11
000
All groups, all channels
Group 0, channel 0
Group 1, channel 0
Unused
001
Group 0, all channels
Group 0, channel 1
Group 1, channel 1
Unused
010
Group 1, all channels
Group 0, channel 2
Group 1, channel 2
Unused
011
Unused
Group 0, channel 3
Group 1, channel 3
Unused
100
Unused
Unused
Unused
Unused
101
Unused
Unused
Unused
Unused
110
Unused
Unused
Unused
Unused
ADDRESS
BITS A2 TO
A0
111
Unused
Unused
Unused
Unused
SPECIAL FUNCTION MODE
If the mode bits are 00, then the special function mode is
selected, as shown in Table 12. Bits I21 to I16 of the serial data
word select the special function, while the remaining bits are
data required for execution of the special function, for example
the channel address for data readback.
The codes for the special functions are shown in Table 13. Table
14 shows the addresses for data readback.
Table 11. Special Function Mode
I23
I22
I21
I20
I19
I18
I17
I16
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
0
0
S5
S4
S3
S2
S1
S0
F15
F14
F13
F12
F11
F10
F9
F8
F7
F6
F5
F4
F3
F2
F1
F0
Table 12. DACs Select by A/B Select Registers
Bits
A/B Select
Register
F7
F6
F5
F4
F3
F2
F1
F0
0
Not Used
Not Used
Not Used
Not Used
VOUT3
VOUT2
VOUT1
VOUT0
1
Not Used
Not Used
Not Used
Not Used
VOUT7
VOUT6
VOUT5
VOUT4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com