Electronic Components Datasheet Search
  English  ▼

X  

AD5362 Datasheet(PDF) 22 Page - Analog Devices

Part # AD5362
Description  8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD5362 Datasheet HTML 17Page - Analog Devices AD5362 Datasheet HTML 18Page - Analog Devices AD5362 Datasheet HTML 19Page - Analog Devices AD5362 Datasheet HTML 20Page - Analog Devices AD5362 Datasheet HTML 21Page - Analog Devices AD5362 Datasheet HTML 22Page - Analog Devices AD5362 Datasheet HTML 23Page - Analog Devices AD5362 Datasheet HTML 24Page - Analog Devices AD5362 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 25 page
background image
AD5362/AD5363
Preliminary Technical Data
Rev. P
rF | Page 22 of 25
POWER SUPPLY DECOUPLING
In any circuit where accuracy is important, careful considera-
tion of the power supply and ground return layout helps to
ensure the rated performance. The printed circuit board on
which the AD5362/AD5363 is mounted should be designed so
that the analog and digital sections are separated and confined
to certain areas of the board. If the AD5362/AD5363 is in a
system where multiple devices require an AGND-to-DGND
connection, the connection should be made at one point only.
The star ground point should be established as close as possible
to the device. For supplies with multiple pins (VSS, VDD, VCC), it
is recommended to tie these pins together and to decouple each
supply once.
The AD5362/AD5363 should have ample supply decoupling of
10 µF in parallel with 0.1 µF on each supply located as close to
the package as possible, ideally right up against the device. The
10 µF capacitors are the tantalum bead type. The 0.1 µF capaci-
tor should have low effective series resistance (ESR) and
effective series inductance (ESI), such as the common ceramic
types that provide a low impedance path to ground at high
frequencies, to handle transient currents due to internal logic
switching.
Digital lines running under the device should be avoided,
because these couple noise onto the device. The analog ground
plane should be allowed to run under the AD5362/AD5363 to
avoid noise coupling. The power supply lines of the
AD5362/AD5363 should use as large a trace as possible to
provide low impedance paths and reduce the effects of glitches
on the power supply line. Fast switching digital signals should
be shielded with digital ground to avoid radiating noise to other
parts of the board, and should never be run near the reference
inputs. It is essential to minimize noise on all VREF lines.
Avoid crossover of digital and analog signals. Traces on
opposite sides of the board should run at right angles to each
other. This reduces the effects of feedthrough through the
board. A microstrip technique is by far the best, but not always
possible with a double-sided board. In this technique, the
component side of the board is dedicated to ground plane,
while signal traces are placed on the solder side.
As is the case for all thin packages, care must be taken to avoid
flexing the package and to avoid a point load on the surface of
this package during the assembly process.
POWER SUPPLY SEQUENCING
When the supplies are connected to the AD5362/AD5363 it is
important that the AGND and DGND pins are connected to the
relevant ground plane before the positive or negative supplies
are applied. In most applications this is not an issue as the
ground pins for the power supplies will be connected to the
ground pins of the AD5362/AD5363 via ground planes. Where
the AD5362/AD5363 is to be used in a hot-swap card care
should be taken to ensure that the ground pins are connected to
the supply grounds before the positive or negative supplies are
connected. This is required to prevent currents flowing in
directions other than towards an analog or digital ground.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com