Electronic Components Datasheet Search
  English  ▼

X  

AD5362 Datasheet(PDF) 16 Page - Analog Devices

Part # AD5362
Description  8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362 Datasheet(HTML) 16 Page - Analog Devices

Back Button AD5362 Datasheet HTML 12Page - Analog Devices AD5362 Datasheet HTML 13Page - Analog Devices AD5362 Datasheet HTML 14Page - Analog Devices AD5362 Datasheet HTML 15Page - Analog Devices AD5362 Datasheet HTML 16Page - Analog Devices AD5362 Datasheet HTML 17Page - Analog Devices AD5362 Datasheet HTML 18Page - Analog Devices AD5362 Datasheet HTML 19Page - Analog Devices AD5362 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
AD5362/AD5363
Preliminary Technical Data
Rev. P
rF | Page 16 of 25
register settings which will be equivalent to SIGGGND. The
DAC outputs will remain at SIGGND until the X, M or C
registers are updated and LDAC is taken low.
CLEAR FUNCTION
CLR is an active low input which should be high for normal
operation. The CLR pin has in internal 500kΩ pull-down
resistor. When CLR is low, the input to each of the DAC output
buffer stages, VOUT0 to VOUT7, is switched to the externally
set potential on the relevant SIGGND pin. While CLR is low, all
LDAC pulses are ignored. When CLR is taken high again, the
DAC outputs remain cleared until LDAC is taken low. The
contents of input registers and DAC registers 0 to 7 are not
affected by taking CLR low. To prevent glitches appearing on
the outputs CLR should be brought low whenever the output
span is adjusted by writing to the offset DAC.
BUSY AND LDAC FUNCTIONS
The value of an X2 (A or B) register is calculated each time the
user writes new data to the corresponding X1, C, or M registers.
During the calculation of X2, the BUSY output goes low. While
BUSY is low, the user can new data to the X1, M, or C registers,
provided the first stage of the calculation is complete (see the
Register Update Rates section for more details).
The BUSY pin is bidirectional and has a 50 kΩ internal pullup
resistor. Where multiple AD5362 or AD5363 devices may be
used in one system the BUSY pins can be tied together. This is
useful where it is required that no DAC in any device is updated
until all other DACs are ready. When each device has finished
updating the X2 (A or B) registers it will release the BUSY pin.
If another device hasn’t finished updating its X2 registers it will
hold BUSY low, thus delaying the effect of LDAC going low.
The DAC outputs are updated by taking the LDAC input low. If
LDAC goes low while BUSY is active, the LDAC event is stored
and the DAC outputs update immediately after BUSY goes
high. A user can also hold the LDAC input permanently low. In
this case, the DAC outputs update immediately after BUSY
goes high. BUSY also goes low, for approximately 500ns,
whenever the A/B Select Registers are written to.
As described later, the AD5362/AD5363 has flexible addressing
that allows writing of data to a single channel, all channels in a
group, or all channels in the device. This means that several
register values may need to be calculated and updated. As there
is only one multiplier shared between 8 channels, this task must
be done sequentially, so the length of the BUSY pulse will vary
according to the number of channels being updated.
Table 7. BUSY Pulse Widths
Action
BUSY Pulse Width
(µs max)
Loading X1A, X1B, C, or M to 1 channel
1.25
Loading X1A, X1B, C, or M to 2 channels
1.75
Loading X1A, X1B, C, or M to 8 channels
4.75
BUSY Pulse Width = ((Number of Channels +1) × 500ns) +250ns
The AD5362/AD5363 contains an extra feature whereby a DAC
register is not updated unless its X2A or X2B register has been
written to since the last time LDAC was brought low. Normally,
when LDAC is brought low, the DAC registers are filled with
the contents of the X2A or X2B registers, depending on the
setting of the A/B Select Registers. However the
AD5362/AD5363 updates the DAC register only if the X2 data
has changed, thereby removing unnecessary digital crosstalk.
BIN/2S COMP PIN
The BIN/2SCOMP pin determines if the input data is
interpreted as offset binary or 2’s complement. If this pin is low,
then the data is binary. If it is 1, the data is interpreted as 2’s
complement. This affects only the X, C, and Offset DAC
registers. The M register data and all control and command
data is interpreted as straight binary.
TEMPERATURE SENSOR
The on-chip temperature sensor provides a voltage output at
the TEMP_OUT pin that is linearly proportional to the
Centigrade temperature scale. The typical accuracy of the
temperature sensor is ±1°C at +25°C and ±5°C over the −40°C
to +85°C range. Its nominal output voltage is 1.5V at +25°C,
varying at 5 mV/°C, giving a typical output range of 1.175V to
1.9 V over the full temperature range. Its low output
impedance, low self heating, and linear output simplify
interfacing to temperature control circuitry and A/D
converters.
MONITOR FUNCTION
The AD5362/AD5363 contains a channel monitor function that
consists of an analog multiplexer addressed via the serial
interface, allowing any channel output to be routed to this pin
for monitoring using an external ADC. In addition, two
monitor inputs, MON_IN0 and MON_IN1 are provided,
which can also be routed to MON_OUT. The monitor function
is controlled by the Monitor Register, which allows the monitor
output to be enabled or disabled, and selection of a DAC
channel or one of the monitor pins. When disabled, the
monitor output is high impedance, so several monitor outputs
may be connected in parallel and only one enabled at a time.
Table 8 shows the control register settings relevant to the
monitor function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com