Electronic Components Datasheet Search
  English  ▼

X  

AD5362 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5362
Description  8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5362 Datasheet HTML 14Page - Analog Devices AD5362 Datasheet HTML 15Page - Analog Devices AD5362 Datasheet HTML 16Page - Analog Devices AD5362 Datasheet HTML 17Page - Analog Devices AD5362 Datasheet HTML 18Page - Analog Devices AD5362 Datasheet HTML 19Page - Analog Devices AD5362 Datasheet HTML 20Page - Analog Devices AD5362 Datasheet HTML 21Page - Analog Devices AD5362 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AD5362/AD5363
Preliminary Technical Data
Rev. P
rF | Page 18 of 25
SERIAL INTERFACE
The AD5362/AD5363 contains an SPI-compatible interface
operating at clock frequencies up to 50MHz (20MHz for read
operations). To minimize both the power consumption of the
device and on-chip digital noise, the interface powers up fully
only when the device is being written to, that is, on the falling
edge of SYNC. The serial interface is 2.5 V LVTTL compatible
when operating from a 2.3 V to 3.6 V DVCC supply. It is
controlled by four pins, as follows.
SYNC
Frame synchronization input.
SDI
Serial data input pin.
SCLK
Clocks data in and out of the device.
SPI WRITE MODE
The AD5362/AD5363 allows writing of data via the serial
interface to every register directly accessible to the serial
interface, which is all registers except the X2A and X2B
registers and the DAC registers. The X2A and X2B registers are
updated when writing to the X1A, X1B, M and C registers, and
the DAC registers are updated by LDAC.
The serial word (see Tables 7 and 8) is 24 bits long. 16(14) of
these bits are data bits, five bits are address bits, and two bits are
mode bits that determine what is done with the data.
The serial interface works with both a continuous and a burst
(gated) serial clock. Serial data applied to SDI is clocked into
the AD5362/AD5363 by clock pulses applied to SCLK. The first
falling edge of SYNC starts the write cycle. At least 24 falling
clock edges must be applied to SCLK to clock in 24 bits of data,
before SYNC is taken high again. If SYNC is taken high before
the 24th falling clock edge, the write operation will be aborted.
If a continuous clock is used, and PEC mode isn’t used, SYNC
must be taken high before the 25th falling clock edge. This
inhibits the clock within the AD5362/AD5363. If more than 24
falling clock edges are applied before SYNC is taken high again,
the input data will be corrupted. If an externally gated clock of
exactly 24 pulses is used, SYNC may be taken high any time
after the 24th falling clock edge.
The input register addressed is updated on the rising edge of
SYNC. In order for another serial transfer to take place, SYNC
must be taken low again.
REGISTER UPDATE RATES
As mentioned previously the value of the X2 (A or B) register is
calculated each time the user writes new data to the
corresponding X1, C or M registers. The calculation is
performed by a three stage process. The first two stages take
500ns each and the third stage takes 250ns. When the write to
one of the X1, C or M registers is complete the calculation
process begins. If the write operation involves the update of a
single DAC channel the user is free to write to another register
provided that the write operation doesn’t finish until the first
stage calculation is complete, i.e. 500ns after the completion of
the first write operation. If a group of channels is being updated
by a single write operation the first stage calculation will be
repeated for each channel, taking 500ns per channel. In this
case the user should not complete the next write operation until
this time has elapsed.
PACKET ERROR CHECKING
To verify that data has been received correctly in noisy
environments, the AD5362/AD5363 offers the option of error
checking based on an 8-bit (CRC-8) cyclic redundancy check.
The device controlling the AD5362/AD5363 should generate an
8-bit frame check sequence using the polynomial C(x) = x8 + x2
+ x1 +1. This is added to the end of the data word, and 32 data
bits are sent to the AD5362/AD5363 before taking SYNC high.
If the AD5362/AD5363 sees a 32-bit data frame, it will perform
the error check when SYNC goes high. If the check is valid,
then the data will be written to the selected register. If the error
check fails, the Packet Error Check output (PEC) will go low
and bit 3 of the Control Register is set. After reading this
register, this error flag is cleared automatically and PEC goes
high again.
SYNC
SCLK
DIN
24-BIT DATA TRANSFER - NO ERROR CHECKING
SYNC
SCLK
DIN
MSB
D23
LSB
D0
MSB
D31
LSB
D8
D7
D0
UPDATE ON SYNC HIGH
UPDATE AFTER SYNC HIGH
ONLY IF ERROR CHECK PASSED
24-BIT DATA
24 BIT DATA
24-BIT DATA TRANSFER WITH ERROR CHECKING
8-BIT FCS
PEC
PEC GOES LOW IF
ERROR CHECK FAILS
5360-0010
Figure 10. SPI Write With and Without Error Checking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com