Electronic Components Datasheet Search
  English  ▼

X  

AD5362 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5362
Description  8-Channel, 16/14-Bit, Serial Input, Voltage-Output DAC
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5362 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5362 Datasheet HTML 8Page - Analog Devices AD5362 Datasheet HTML 9Page - Analog Devices AD5362 Datasheet HTML 10Page - Analog Devices AD5362 Datasheet HTML 11Page - Analog Devices AD5362 Datasheet HTML 12Page - Analog Devices AD5362 Datasheet HTML 13Page - Analog Devices AD5362 Datasheet HTML 14Page - Analog Devices AD5362 Datasheet HTML 15Page - Analog Devices AD5362 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AD5362/AD5363
Preliminary Technical Data
Rev. P
rF | Page 12 of 25
FUNCTIONAL DESCRIPTION
DAC ARCHITECTURE—GENERAL
The AD5362/AD5363 contains 8 DAC channels and 8 output
amplifiers in a single package. The architecture of a single DAC
channel consists of a 16-bit resistor-string DAC in the case of
the AD5362 and a 14-bit DAC in the case of the AD5363,
followed by an output buffer amplifier. The resistor-string
section is simply a string of resistors, each of value R, from
VREF to AGND. This type of architecture guarantees DAC
monotonicity. The 16(14)-bit binary digital code loaded to the
DAC register determines at which node on the string the
voltage is tapped off before being fed into the output amplifier.
The output amplifier multiplies
the DAC out voltage by 4. The output span is 12 V with a 3 V
reference and 20 V with a 5 V reference.
CHANNEL GROUPS
The 16 DAC channels of the AD5362/AD5363 are arranged into
two groups of 8 channels. The eight DACs of Group 0 derive
their reference voltage from VREF0, and those of Group 1 from
VREF1
Table 6. AD5362(AD5363) Registers
Register Name
Word Length (Bits)
Description
X1A (group)(channel)
16(14)
Input data register A, one for each DAC channel.
X1B (group) (channel)
16(14)
Input data register B, one for each DAC channel.
M (group) (channel)
16(14)
Gain trim registers, one for each DAC channel.
C (group) (channel)
16(14)
Offset trim registers, one for each DAC channel.
X2A (group)(channel)
16(14)
Output data register A, one for each DAC channel. These registers store the final,
calibrated DAC data after gain and offset trimming. They are not readable, nor directly
writable.
X2B (group) (channel)
16(14)
Output data register B, one for each DAC channel. These registers store the final,
calibrated DAC data after gain and offset trimming. They are not readable, nor directly
writable.
DAC (group) (channel)
Data registers from which the DACs take their final input data. The DAC registers are
updated from the X2A or X2B registers. They are not readable, nor directly writable.
OFS0
14
Offset DAC 0 data register, sets offset for Group 0.
OFS1
14
Offset DAC 1 data register, sets offset for Group 1.
Control
8
Bit 4 = Overtemperature indicator. 1 = chip temperature > 130 °C.
Bit 3 = PEC error flag. 1 = PEC error. Cleared on reading control register.
Bit 2 = A/B. 0 = global selection of X1A input data registers. 1 = X1B registers.
Bit 1 = Enable Temp Shutdown. 0 = disable temp shutdown. 1 = enable.
Bit 0 = Soft Power Down. 0 = soft power up. 1 = soft power down.
Monitor
6
Bit 5 = Monitor enable. 0 = off. 1 = on.
Bit 4 = 0, DAC selected by bits 3 to 0.
Bits 3 – 0 = DAC channel 0000 = 0 to 1111 = 15.
Bit 4 = 1, MON_IN pin selected by bit 0.
Bit 0 = MON_IN select. 0 = MON_IN0. 1 = MON_IN1.
GPIO
2
Bit 1 = GPIO configuration. 0 = input. 1 = output.
Bit 0 = GPIO data. Stores state of GPIO pin when input. Drives GPIO pin when output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com