Electronic Components Datasheet Search
  English  ▼

X  

AD5372 Datasheet(PDF) 4 Page - Analog Devices

Part # AD5372
Description  32-Channel, 16/14, Serial Input, Voltage-Output DACs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5372 Datasheet(HTML) 4 Page - Analog Devices

  AD5372 Datasheet HTML 1Page - Analog Devices AD5372 Datasheet HTML 2Page - Analog Devices AD5372 Datasheet HTML 3Page - Analog Devices AD5372 Datasheet HTML 4Page - Analog Devices AD5372 Datasheet HTML 5Page - Analog Devices AD5372 Datasheet HTML 6Page - Analog Devices AD5372 Datasheet HTML 7Page - Analog Devices AD5372 Datasheet HTML 8Page - Analog Devices AD5372 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 25 page
background image
AD5372/AD5373
Preliminary Technical Data
Rev. P
rF| Page 4 of 25
SPECIFICATIONS
DVCC = 2.3 V to 5.5 V; VDD = 8 V to 16.5 V; VSS = −4.5 V to −16.5 V; VREF = 3 V; AGND = DGND = SIGGND = 0 V; RL = Open Circuit;
Gain (m), Offset(c) and DAC Offset registers at default value; all specifications TMIN to TMAX, unless otherwise noted.
Table 2. Performance Specifications
Parameter
AD53721
B Version
AD53731
B Version
Unit
Test Conditions/Comments2
ACCURACY
Resolution
16
14
Bits
Relative Accuracy
±4
±1
LSB max
Differential Nonlinearity
±1
±1
LSB max
Guaranteed monotonic by design over temperature.
Offset Error
±20
±20
mV max
Before Calibration
Gain Error
±20
±20
mV max
Before Calibration
Offset Error2
100
100
µV max
After Calibration
Gain Error2
100
100
µV max
After Calibration
Gain Error of Offset DAC
±35
±35
mV
Positive or Negative Full Scale. See Offset DACs
section for details
VOUT Temperature Coefficient
5
5
ppm FSR/°C
typ
Includes linearity, offset, and gain drift.
DC Crosstalk2
0.5
0.5
mV max
Typically 100 µV. Measured channel at mid-scale, full-
scale change on any other channel
REFERENCE INPUTS (VREF1, VREF2)2
VREF DC Input Impedance
1
1
MΩ min
Typically 100 MΩ.
VREF Input Current
60
60
nA max
Per input. Typically ±30 nA.
VREF Range
2/5
2/5
V min/max
±2% for specified operation.
SIGGND INPUT (SIGGND0 TO SIGGND4)2
DC Input Impedance
55
55
kΩ min
Typically 60 kΩ.
Input Range
±0.5
±0.5
V min/max
OUTPUT CHARACTERISTICS2
Output Voltage Range
VSS + 1.4
VSS + 1.4
V min
ILOAD = 1 mA.
VDD − 1.4
VDD − `.4
V max
ILOAD = 1 mA.
Short Circuit Current
5
5
mA max
Load Current
±1
±1
mA max
Capacitive Load
2200
2200
pF max
DC Output Impedance
1
1
Ω max
DIGITAL INPUTS
JEDEC compliant.
Input High Voltage
1.7
1.7
V min
IOVCC = 2.5 V to 3.6 V.
2.0
2.0
V min
IOVCC = 3.6 V to 5.5 V.
Input Low Voltage
0.8
0.8
V max
IOVCC = 2.5 V to 5.5 V.
Input Current (with pull-up/pull-
down)
±8
±8
µA max
CLR and RESET pin only.
Input Current (no pull-up/pull-down)
±1
±1
µA max
All other digital input pins.
Input Capacitance2
10
10
pF max
DIGITAL OUTPUTS (SDO)
Output Low Voltage
0.5
0.5
V max
Sinking 200 µA.
Output High Voltage (SDO)
DVCC − 0.5
DVCC − 0.5
V min
Sourcing 200 µA.
High Impedance Leakage Current
−5
−5
µA max
SDO only.
High Impedance Output Capacitance2
10
10
pF typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com