Electronic Components Datasheet Search
  English  ▼

X  

AD5372 Datasheet(PDF) 12 Page - Analog Devices

Part # AD5372
Description  32-Channel, 16/14, Serial Input, Voltage-Output DACs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5372 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD5372 Datasheet HTML 8Page - Analog Devices AD5372 Datasheet HTML 9Page - Analog Devices AD5372 Datasheet HTML 10Page - Analog Devices AD5372 Datasheet HTML 11Page - Analog Devices AD5372 Datasheet HTML 12Page - Analog Devices AD5372 Datasheet HTML 13Page - Analog Devices AD5372 Datasheet HTML 14Page - Analog Devices AD5372 Datasheet HTML 15Page - Analog Devices AD5372 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
AD5372/AD5373
Preliminary Technical Data
Rev. P
rF| Page 12 of 25
FUNCTIONAL DESCRIPTION
DAC ARCHITECTURE—GENERAL
The ADAD5372/AD5373 contains 32 DAC channels and 32
output amplifiers in a single package. The architecture of a
single DAC channel consists of a 16-bit (AD5372) or 14-bit
(AD5373) resistor-string DAC followed by an output buffer
amplifier. The resistor-string section is simply a string of
resistors, each of value R, from VREF to AGND. This type of
architecture guarantees DAC monotonicity. The 16-bit
(AD5372) or 14-bit (AD5373) binary digital code loaded to the
DAC register determines at which node on the string the
voltage is tapped off before being fed into the output amplifier.
The output amplifier multiplies the DAC out voltage by 4. The
output span is 12 V with a 3 V reference and 20 V with a 5 V
reference.
CHANNEL GROUPS
The 32 DAC channels of the AD5372/AD5373 are arranged
into four groups of 8 channels. The eight DACs of Group 0
derive their reference voltage from VREF0. Group 1 to Group 3
derive their reference voltage from VREF1. Each group has its
own signal ground pin.
Table 6. AD5372(AD5373) Registers
Register Name
Word Length (Bits)
Description
X1A (group)(channel)
16(14)
Input data register A, one for each DAC channel.
X1B (group) (channel)
16(14)
Input data register B, one for each DAC channel.
M (group) (channel)
16(14)
Gain trim registers, one for each DAC channel.
C (group) (channel)
16(14)
Offset trim registers, one for each DAC channel.
X2A (group)(channel)
16(14)
Output data register A, one for each DAC channel. These registers store the final,
calibrated DAC data after gain and offset trimming. They are not readable, nor directly
writable.
X2B (group) (channel)
16(14)
Output data register B, one for each DAC channel. These registers store the final,
calibrated DAC data after gain and offset trimming. They are not readable, nor directly
writable.
DAC (group) (channel)
Data registers from which the DACs take their final input data. The DAC registers are
updated from the X2A or X2B registers. They are not readable, nor directly writable.
OFS0
14
Offset DAC 0 data register, sets offset for Group 0.
OFS1
14
Offset DAC 1 data register, sets offset for Groups 1 to 3.
Control
3
Bit 2 = A/B. 0 = global selection of X1A input data registers. 1 = X1B registers.
Bit 1 = Enable Temp Shutdown. 0 = disable temp shutdown. 1 = enable.
Bit 0 = Soft Power Down. 0 = soft power up. 1 = soft power down.
A/B Select 0
8
Each bit in this register determines if a DAC in Group 0 takes its data from register
X2A or X2B (0 = X2A, 1 = X2B)
A/B Select 1
8
Each bit in this register determines if a DAC in Group 1 takes its data from register
X2A or X2B (0 = X2A, 1 = X2B)
A/B Select 2
8
Each bit in this register determines if a DAC in Group 2 takes its data from register
X2A or X2B (0 = X2A, 1 = X2B)
A/B Select 3
8
Each bit in this register determines if a DAC in Group 3 takes its data from register
X2A or X2B (0 = X2A, 1 = X2B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com