Electronic Components Datasheet Search
  English  ▼

X  

AD5372 Datasheet(PDF) 23 Page - Analog Devices

Part # AD5372
Description  32-Channel, 16/14, Serial Input, Voltage-Output DACs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5372 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD5372 Datasheet HTML 17Page - Analog Devices AD5372 Datasheet HTML 18Page - Analog Devices AD5372 Datasheet HTML 19Page - Analog Devices AD5372 Datasheet HTML 20Page - Analog Devices AD5372 Datasheet HTML 21Page - Analog Devices AD5372 Datasheet HTML 22Page - Analog Devices AD5372 Datasheet HTML 23Page - Analog Devices AD5372 Datasheet HTML 24Page - Analog Devices AD5372 Datasheet HTML 25Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 25 page
background image
Preliminary Technical Data
AD5372/AD5373
Rev. P
rF | Page 23 of 25
INTERFACING EXAMPLES
The SPI interface of the AD5372/AD5373 is designed to allow
the parts to be easily connected to industry standard DSPs and
micro-controllers. Figure 11 shows how the AD5372/AD5373
could be connected to the Analog Devices Blackfin
®
DSP. The
Blackfin has an integrated SPI port which can be connected
directly to the SPI pins of the AD5372/AD5373 and
programmable I/O pins which can be used to set or read the
state of the digital input or output pins associated with the
interface.
SYNC
SCLK
SDI
SDO
CLR
LDAC
RESET
BUSY
SPISELx
SCK
MOSI
MISO
PF8
PF9
PF10
PF7
AD537x
ADSP-BF531
537x-0101
Figure 11. Interfacing to a Blackfin DSP
The Analog Devices ADSP-21065L is a floating point DSP with
two serial ports (SPORTS). Figure 12 shows how one SPORT
can be used to control the AD5372/AD5373. In this example
the Transmit Frame Synchronization (TFS) pin is connected to
the Receive Frame Synchronization (RFS) pin. Similarly the
transmit and receive clocks (TCLK and RCLK) are also
connected together. The user can write to the AD5372/AD5373
by writing to the transmit register. A read operation can be
accomplished by first writing to the AD5372/AD5373 to tell the
part that a read operation is required. A second write operation
with a NOP instruction will cause the data to be read from the
AD5372/AD5373. The DSPs receive interrupt can be used to
indicate when the read operation is complete.
SYNC
SCLK
SDI
SDO
CLR
LDAC
RESET
BUSY
TFSx
RFSx
TCLKx
RCLKx
DTxA
DRxA
FLAG2
FLAG1
FLAG0
FLAG3
AD537x
537x-0101
ADSP-21065L
Figure 12. Interfacing to an ADSP-21065L DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com