Electronic Components Datasheet Search
  English  ▼

X  

AD5372 Datasheet(PDF) 9 Page - Analog Devices

Part # AD5372
Description  32-Channel, 16/14, Serial Input, Voltage-Output DACs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5372 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD5372 Datasheet HTML 5Page - Analog Devices AD5372 Datasheet HTML 6Page - Analog Devices AD5372 Datasheet HTML 7Page - Analog Devices AD5372 Datasheet HTML 8Page - Analog Devices AD5372 Datasheet HTML 9Page - Analog Devices AD5372 Datasheet HTML 10Page - Analog Devices AD5372 Datasheet HTML 11Page - Analog Devices AD5372 Datasheet HTML 12Page - Analog Devices AD5372 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 25 page
background image
Preliminary Technical Data
AD5372/AD5373
Rev. P
rF | Page 9 of 25
NC
NC
NC
VDD
VOUT5
VOUT4
SIGGND0
VOUT3
VOUT2
VOUT1
VOUT0
VREF0
VOUT23
VOUT22
VOUT21
VOUT20
39
38
37
41
40
VSS
VDD
SIGGND2
VOUT19
36
35
34
33
42
43
44
45
46
47
48
17 18 19 20 21 22 23 24
1
2
3
4
5
6
7
8
9
10
11
12
64 63 62 61 60 59 58
PIN 1
IDENTIFIER
AD5372
AD5373
TOP VIEW
(Not to Scale)
RESET
BUSY
VOUT27
SIGGND3
VOUT28
VOUT29
VOUT30
VOUT31
NC
NC
NC
NC
13
14
15
16
25 26 27
31
30
29
28
32
57 56 55 54 53 52 51 50 49
100605
Figure 6.64-Lead LQFP
Pin Configuration
1
2
3
4
5
6
7
8
9
10
11
12
13
14
42
41
40
39
38
37
36
35
34
33
32
31
30
29
LDAC
CLR
RESET
BUSY
VOUT27
SIGGND3
VOUT28
VOUT29
VOUT30
VOUT31
NC
VDD
VSS
VREF1
NC = NO CONNECT
PIN 1
INDICATOR
AD5372/
AD5373
TOP VIEW
(Not to scale)
VOUT5
VOUT4
SIGGND0
VOUT3
VOUT2
VOUT1
VOUT0
VREF0
VOUT23
VOUT22
VOUT21
VOUT20
VSS
VDD
5372-0060
Figure 7. 56-Lead LFCSP
Pin Configuration
Table 5. Pin Function Descriptions
Pin
Function
DVCC
Logic Power Supply; 2.5 V to 5.5 V. These pins should be decoupled with 0.1 µF ceramic capacitors and 10 µF
capacitors.
VSS
Negative Analog Power Supply; −11.4 V to −16.5 V for specified performance. These pins should be decoupled with
0.1 µF ceramic capacitors and 10 µF capacitors.
VDD
Positive Analog Power Supply; +11.4 V to +16.5 V for specified performance. These pins should be decoupled with
0.1 µF ceramic capacitors and 10 µF capacitors.
AGND
Ground for All Analog Circuitry. All AGND pins should be connected to the AGND plane.
DGND
Ground for All Digital Circuitry. All DGND pins should be connected to the DGND plane.
VREF0
Reference Input for DACs 0 to 7. This reference voltage is referred to AGND.
VREF1
Reference Input for DACs 8 to 31. This reference voltage is referred to AGND.
VOUT0 to VOUT31
DAC Outputs. Buffered analog outputs for each of the 40 DAC channels. Each analog output is capable of driving an
output load of 10 kΩ to ground. Typical output impedance of these amplifiers is 1 Ω.
SYNC1
Active Low Input. This is the frame synchronization signal for the serial interface.
SCLK1
Serial Clock Input. Data is clocked into the shift register on the falling edge of SCLK. This pin operates at clock speeds
up to 50 MHz.
SDI1
Serial Data Input. Data must be valid on the falling edge of SCLK.
SDO1
Serial Data Output. CMOS output. SDO can be used for readback. Data is clocked out on SDO on the rising edge of
SCLK and is valid on the falling edge of SCLK.
CLR
Asynchronous Clear Input (level sensitive, active low). See the Clear Function section for more information
LDAC
Load DAC Logic Input (Active Low).See the BUSY AND LDAC FUNCTIONS section for more information.
RESET
Asynchronous Digital Reset Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com