Electronic Components Datasheet Search
  English  ▼

X  

AD5372 Datasheet(PDF) 15 Page - Analog Devices

Part # AD5372
Description  32-Channel, 16/14, Serial Input, Voltage-Output DACs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5372 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD5372 Datasheet HTML 11Page - Analog Devices AD5372 Datasheet HTML 12Page - Analog Devices AD5372 Datasheet HTML 13Page - Analog Devices AD5372 Datasheet HTML 14Page - Analog Devices AD5372 Datasheet HTML 15Page - Analog Devices AD5372 Datasheet HTML 16Page - Analog Devices AD5372 Datasheet HTML 17Page - Analog Devices AD5372 Datasheet HTML 18Page - Analog Devices AD5372 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 25 page
background image
Preliminary Technical Data
AD5372/AD5373
Rev. P
rF | Page 15 of 25
gain required on the full output signal range.
3.
Calculate the new maximum output range on VOUT
including the expected maximum offset and gain
errors.
4.
Choose the new required VOUTmax and VOUTmin,
keeping the VOUT limits centered on the nominal
values. Note that VDD and VSS must provide sufficient
headroom.
5.
Calculate the value of VREF as follows:
VREF = (VOUTMAX – VOUTMIN)/4
Reference Selection Example
Nominal Output Range = 12V (-4V to +8V)
Offset Error = ±70mV
Gain Error = ±3%
SIGGND = AGND = 0V
1)
Gain Error = ±3%
=> Maximum Positive Gain Error = +3%
=> Output Range incl. Gain Error = 12 + 0.03(12)=12.36V
2)
Offset Error = ±70mV
=> Maximum Offset Error Span = 2(70mV)=0.14V
=> Output Range including Gain Error and Offset Error =
12.36V + 0.14V = 12.5V
3)
VREF Calculation
Actual Output Range = 12.5V, that is -4.25V to +8.25V
(centered);
VREF = (8.25V + 4.25V)/4 = 3.125V
If the solution yields an inconvenient reference level, the user
can adopt one of the following approaches:
1.
Use a resistor divider to divide down a convenient,
higher reference level to the required level.
2.
Select a convenient reference level above VREF and
modify the Gain and Offset registers to digitally
downsize the reference. In this way the user can use
almost any convenient reference level but may reduce
the performance by overcompaction of the transfer
function.
3.
Use a combination of these two approaches
CALIBRATION
The user can perform a system calibration on the AD5372 and
AD5373 to reduce gain and offset errors to below 1 LSB. This is
achieved by calculating new values for the M and C registers and
reprogramming them.
Reducing Zero-scale and Full-scale Error
Zero-scale error can be reduced as follows:
1.
Set the output to the lowest possible value.
2.
Measure the actual output voltage and compare it with the
required value. This gives the zero-scale error.
3.
Calculate the number of LSBs equivalent to the
error and subtract this from the default value of
the C register. Note that only negative zero-scale error can
be reduced.
Full-scale error can be reduced as follows:
1.
Measure the zero-scale error.
2.
Set the output to the highest possible value.
3.
Measure the actual output voltage and compare it with the
required value. Add this error to the zero-scale error. This
is the full-scale error.
4.
Calculate the number of LSBs equivalent to the full-scale
error and subtract it from the default value of the M
register. Note that only positive full-scale error can be
reduced.
5.
The M and C registers should not be programmed until
both zero-scale and full-scale errors have been calculated.
AD5372 CALIBRATION EXAMPLE
This example assumes that a −4 V to +8 V output is required.
The DAC output is set to −4 V but measured at −4.03 V. This
gives an zero-scale error of −30 mV.
1.
1 LSB = 12 V/65536 = 183.105 µV
2.
30 mV = 164 LSB
3.
164 LSB should be added to the default C register value:
(32768 + 164) = 32932
4.
32932 should be programmed to the C register
The full-scale error can now be removed. The output is set to +8
V and a value of +8.02 V is measured. The full-scale error is
+20 mV – (–30 mV) = +50 mV
This is a full-scale error of +50 mV.
1.
50 mV = 273 LSBs
2.
273 LSB should be subtracted from the default M register
value: (65535 − 273) = 65262
3.
65262 should be programmed to the M register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com