Electronic Components Datasheet Search
  English  ▼

X  

AD5372 Datasheet(PDF) 18 Page - Analog Devices

Part # AD5372
Description  32-Channel, 16/14, Serial Input, Voltage-Output DACs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5372 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD5372 Datasheet HTML 14Page - Analog Devices AD5372 Datasheet HTML 15Page - Analog Devices AD5372 Datasheet HTML 16Page - Analog Devices AD5372 Datasheet HTML 17Page - Analog Devices AD5372 Datasheet HTML 18Page - Analog Devices AD5372 Datasheet HTML 19Page - Analog Devices AD5372 Datasheet HTML 20Page - Analog Devices AD5372 Datasheet HTML 21Page - Analog Devices AD5372 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 25 page
background image
AD5372/AD5373
Preliminary Technical Data
Rev. P
rF | Page 18 of 25
SERIAL INTERFACE
The AD5372/AD5373 contains a high-speed SPI serial interface
operating at clock frequencies up to 50 MHz (20MHz for read
operations). To minimize both the power consumption of the
device and on-chip digital noise, the interface powers up fully
only when the device is being written to, that is, on the falling
edge of SYNC. The serial interface is 2.5 V LVTTL compatible
when operating from a 2.7 V to 3.6 V DVCC supply. It is
controlled by four pins, as follows.
SYNC
Frame synchronization input.
SDI
Serial data input pin.
SCLK
Clocks data in and out of the device.
SDO
Serial data output pin for data readback.
SPI WRITE MODE
The AD5372AD5373 allows writing of data via the serial
interface to every register directly accessible to the serial
interface, which is all registers except the X2A and X2B
registers and the DAC registers. The X2A and X2B registers are
updated when writing to the X1A, X1B, M and C registers, and
the DAC registers are updated by LDAC. The serial word (see
Table 8 or Table 9) is 24 bits long. 16 or 14 of these bits are data
bits, six bits are address bits, and two bits are mode bits that
determine what is done with the data. Two bits are reserved on
the AD5373.
The serial interface works with both a continuous and a burst
(gated) serial clock. Serial data applied to SDI is clocked into
the AD5372AD5373 by clock pulses applied to SCLK. The first
falling edge of SYNC starts the write cycle. At least 24 falling
clock edges must be applied to SCLK to clock in 24 bits of data,
before SYNC is taken high again. If SYNC is taken high before
the 24th falling clock edge, the write operation will be aborted.
If a continuous clock is used, SYNC must be taken high before
the 25th falling clock edge. This inhibits the clock within the
AD5372/AD5373. If more than 24 falling clock edges are
applied before SYNC is taken high again, the input data will be
corrupted. If an externally gated clock of exactly 24 pulses is
used, SYNC may be taken high any time after the 24th falling
clock edge.
The input register addressed is updated on the rising edge of
SYNC. In order for another serial transfer to take place, SYNC
must be taken low again
Table 8. AD5372 Serial Word Bit Assignation
I23
I22
I21
I20
I19
I18
I17
I16
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1
I0
M1
M0
A5
A4
A3
A2
A1
A0
D15
D14
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
Table 9. AD5373 Serial Word Bit Assignation
I23
I22
I21
I20
I19
I18
I17
I16
I15
I14
I13
I12
I11
I10
I9
I8
I7
I6
I5
I4
I3
I2
I1*
I0*
M1
M0
A5
A4
A3
A2
A1
A0
D13
D12
D11
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
0
0
*Reserved bits. Set to 0 when writing. Bits are read back as 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com