Electronic Components Datasheet Search
  English  ▼

X  

BSH299 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # BSH299
Description  P-channel enhancement mode MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH299 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button BSH299 Datasheet HTML 2Page - NXP Semiconductors BSH299 Datasheet HTML 3Page - NXP Semiconductors BSH299 Datasheet HTML 4Page - NXP Semiconductors BSH299 Datasheet HTML 5Page - NXP Semiconductors BSH299 Datasheet HTML 6Page - NXP Semiconductors BSH299 Datasheet HTML 7Page - NXP Semiconductors BSH299 Datasheet HTML 8Page - NXP Semiconductors BSH299 Datasheet HTML 9Page - NXP Semiconductors BSH299 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
1998 Feb 18
6
Philips Semiconductors
Objective specification
P-channel enhancement mode MOS transistor
BSH299
Fig.5 Switching time test circuit.
handbook, halfpage
MLD189
50
Ω
VDD = −40 V
ID
0 V
−10 V
Fig.6 Input and output waveforms.
handbook, halfpage
MBB690
10 %
90 %
90 %
10 %
ton
toff
OUTPUT
INPUT
Fig.7
Capacitance as a function of
drain-source voltage; typical values.
VGS = 0; Tj =25 °C; f = 1 MHz.
handbook, halfpage
0
80
60
40
20
0
−10
−20
−30
MLD191
C
(pF)
VDS (V)
Ciss
Coss
Crss
Fig.8 Output characteristics; typical values.
handbook, halfpage
0
−2
−10
−12
−600
−200
0
−400
MLD197
−4
−6
−8
VDS (V)
VGS = −10 V −7.5 V
−6 V
−5 V
−4 V
−3 V
−2.5 V
I D
(mA)
Tj =25 °C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com