Electronic Components Datasheet Search
  English  ▼

X  

BSH299 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BSH299
Description  P-channel enhancement mode MOS transistor
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BSH299 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BSH299 Datasheet HTML 3Page - NXP Semiconductors BSH299 Datasheet HTML 4Page - NXP Semiconductors BSH299 Datasheet HTML 5Page - NXP Semiconductors BSH299 Datasheet HTML 6Page - NXP Semiconductors BSH299 Datasheet HTML 7Page - NXP Semiconductors BSH299 Datasheet HTML 8Page - NXP Semiconductors BSH299 Datasheet HTML 9Page - NXP Semiconductors BSH299 Datasheet HTML 10Page - NXP Semiconductors BSH299 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1998 Feb 18
7
Philips Semiconductors
Objective specification
P-channel enhancement mode MOS transistor
BSH299
Fig.9
Transfer characteristics; typical values.
VDS = −10 V; Tj =25 °C.
handbook, halfpage
0
−2
−4
−10
−600
−200
0
−400
MLD196
−6
ID
(mA)
VGS (V)
−8
Fig.10 Drain-source on-state resistance as a
function of drain current; typical values.
Tj =25 °C; tp = 300 µs; δ =0.
handbook, halfpage
60
0
40
−1
MLD198
−10
−102
−103
20
ID (mA)
RDSon
(
Ω)
VGS = −2.5 V −3 V
−7.5 V
−10 V
−5 V
−4 V
Fig.11 Temperature coefficient of gate-source
threshold voltage as a function of junction
temperature; typical values.
k=(VGSth at Tj)/(VGSth at 25 °C).
ID = −1 mA; VDS =VGS.
handbook, halfpage
0.6
0.8
1.0
1.2
0
50
100
150
k
MLD195
−50
Tj (°C)
Fig.12 Temperature coefficient of drain-source
on-resistance as a function of junction
temperature; typical values.
k=(RDSon at Tj)/(RDSon at 25 °C).
(1) ID = −130 mA; VGS = −10 V.
(2) ID = −20 mA; VGS = −2.4 V.
handbook, halfpage
0.6
1.0
1.4
1.8
0
50
100
150
−50
k
Tj (°C)
MLD194
(1)
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com