Electronic Components Datasheet Search
  English  ▼

X  

AD5934 Datasheet(PDF) 7 Page - Analog Devices

Part # AD5934
Description  250 kSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD5934 Datasheet HTML 3Page - Analog Devices AD5934 Datasheet HTML 4Page - Analog Devices AD5934 Datasheet HTML 5Page - Analog Devices AD5934 Datasheet HTML 6Page - Analog Devices AD5934 Datasheet HTML 7Page - Analog Devices AD5934 Datasheet HTML 8Page - Analog Devices AD5934 Datasheet HTML 9Page - Analog Devices AD5934 Datasheet HTML 10Page - Analog Devices AD5934 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
AD5934
Rev. 0 | Page 7 of 32
PIN CONFIGURATION AND DESCRIPTIONS
NC
1
NC
2
NC
3
RFB
4
SCL
16
SDA
15
AGND2
14
AGND1
13
VIN
5
VOUT
6
NC
7
DGND
12
AVDD2
11
AVDD1
10
MCLK
8
DVDD
9
NC = NO CONNECT
AD5934
TOP VIEW
(Not to Scale)
Figure 3. Pin Configuration
It is recommended to tie all supply connections (Pin 9, Pin 10, and Pin 11) and run from a single supply between 2.7 V and 5.5 V. It is also
recommended to connect all ground signals together (Pin 12, Pin 13, and Pin 14).
Table 5. Pin Function Descriptions
Pin No.
Mnemonic
Description/comment
1, 2, 3, 7
NC
No Connect.
4
RFB
External Feedback Resistor. Connected from Pin 4 to Pin 5 and used to set the gain of the current-to-voltage
amplifier on the receive side.
5
VIN
Input to Receive Transimpedance Amplifier. Presents a virtual earth voltage of VDD/2.
6
VOUT
Excitation Voltage Signal Output.
8
MCLK
Master Clock for the System. Supplied by user.
9
DVDD
Digital Supply Voltage.
10
AVDD1
Analog Supply Voltage 1.
11
AVDD2
Analog Supply Voltage 2.
12
DGND
Digital Ground.
13
AGND1
Analog Ground 1.
14
AGND2
Analog Ground 2.
15
SDA
I2C Data Input.
16
SCL
I2C Clock Input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com