Electronic Components Datasheet Search
  English  ▼

X  

AD5934 Datasheet(PDF) 17 Page - Analog Devices

Part # AD5934
Description  250 kSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD5934 Datasheet HTML 13Page - Analog Devices AD5934 Datasheet HTML 14Page - Analog Devices AD5934 Datasheet HTML 15Page - Analog Devices AD5934 Datasheet HTML 16Page - Analog Devices AD5934 Datasheet HTML 17Page - Analog Devices AD5934 Datasheet HTML 18Page - Analog Devices AD5934 Datasheet HTML 19Page - Analog Devices AD5934 Datasheet HTML 20Page - Analog Devices AD5934 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
AD5934
Rev. 0 | Page 17 of 32
Range 4 (100 kΩ to 1 MΩ)
Output excitation voltage = 2 V p-p
Calibration impedance value, ZCALIBRATION = 100 kΩ
PGA gain = ×1
Supply voltage = 3.3 V
Current-to-voltage amplifier gain resistor = 100 kΩ
1.0
–3.5
10
FREQUENCY (kHz)
35
60
100
0.5
0
–0.5
–1.0
–1.5
–2.0
–2.5
–3.0
500k
Ω
1M
Ω
RFB = 100k
Ω
CALIBRATION IMPEDANCE = 100k
Ω
TA = 25°C
Figure 25. Range 4: Typical % Impedance Error over Frequency
Range 5 (1 MΩ to 2 MΩ)
Output excitation voltage = 2 V p-p
Calibration impedance value, ZCALIBRATION = 100 kΩ
PGA gain = ×1
Supply voltage = 3.3 V
Current to voltage amplifier gain resistor = 100 kΩ
3
–9
10
FREQUENCY (kHz)
35
60
100
1
–1
–3
–5
–7
RFB = 1M
Ω
CALIBRATION IMPEDANCE = 1M
Ω
TA = 25°C
1.5M
Ω
2M
Ω
Figure 26. Range 5: Typical % Impedance Error over Frequency
Range 6 (9 MΩ to 10 MΩ)
Output excitation voltage = 2 V p-p
Calibration impedance value, ZCALIBRATION = 9 MΩ
PGA gain = ×1
Supply voltage = 3.3 V
Current to voltage amplifier gain resistor = 9 MΩ
4
–10
10
FREQUENCY (kHz)
2
0
–2
–4
–6
–8
35
60
100
RFB = 10M
Ω
CALIBRATION IMPEDANCE = 10M
Ω
TA = 25°C
9.5M
Ω
10M
Ω
Figure 27. Range 6: Typical % Impedance Error over Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com