Electronic Components Datasheet Search
  English  ▼

X  

AD5934 Datasheet(PDF) 19 Page - Analog Devices

Part # AD5934
Description  250 kSPS, 12-Bit Impedance Converter, Network Analyzer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD5934 Datasheet(HTML) 19 Page - Analog Devices

Back Button AD5934 Datasheet HTML 15Page - Analog Devices AD5934 Datasheet HTML 16Page - Analog Devices AD5934 Datasheet HTML 17Page - Analog Devices AD5934 Datasheet HTML 18Page - Analog Devices AD5934 Datasheet HTML 19Page - Analog Devices AD5934 Datasheet HTML 20Page - Analog Devices AD5934 Datasheet HTML 21Page - Analog Devices AD5934 Datasheet HTML 22Page - Analog Devices AD5934 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 32 page
background image
AD5934
Rev. 0 | Page 19 of 32
REGISTER MAP
Table 7.
Register Name
Register Address
Register Data
Read/Write Register
CONTROL
80 h
D15 to D8
Read/Write
81 h
D7 to D0
Read/Write
START FREQUENCY
82 h
D23 to D16
Read/Write
83 h
D15 to D8
Read/Write
84 h
D7 to D0
Read/Write
FREQUENCY INCREMENT
85 h
D23 to D16
Read/Write
86 h
D15 to D8
Read/Write
87 h
D7 to D0
Read/Write
NUMBER OF INCREMENTS
88 h
D15 to D8
Read/Write
89 h
D7 to D0
Read/Write
NUMBER OF SETTLING TIME CYCLES
8A h
D15 to D8
Read/Write
8B h
D7 to D0
Read/Write
STATUS
8F h
D7 to D0
Read Only
REAL DATA
94 h
D15 to D8
Read Only
95 h
D7 to D0
Read Only
IMAGINARY DATA
96 h
D15 to D8
Read Only
97 h
D7 to D0
Read Only
CONTROL REGISTER
Table 8. 16-Bit Register
80 h
D15 to D8
Read or Write
81 h
D7 to D0
Read or Write
The CONTROL register is a 16-bit register that sets the AD5934
control modes. The 4 MSBs of the CONTROL register are
decoded to provide control functions, such as performing a
frequency sweep, powering down the part, and various other
control functions defined in the CONTROL register map.
The user may choose to write only to Register Location 80 h
and not to alter the contents of 81 h. Note that the CONTROL
register should not be written to as part of a Block Write
command. The CONTROL register also allows the user to
program the excitation voltage and set the system clock. A
Reset command to the CONTROL register does not reset any
programmed values associated with the sweep (that is, Start
frequency, number of increments, frequency increment). After
a Reset command, an Initialize with Start Frequency command
must be issued to the CONTROL register to restart the
frequency sweep sequence (see Figure 28).
Default value upon reset: D15 to D0 reset to A0 00H upon
power-up. The AD5934 contains a 16-bit control register
(Address 80h and 81h) that sets the AD5934 control modes.
Table 9. Control Register Map
Bit
D15
D14
D13
D12
0
0
0
0
No operation
0
0
0
1
Initialize with Start
Frequency
0
0
1
0
Start Frequency Sweep
0
0
1
1
Increment Frequency
0
1
0
0
Repeat Frequency
1
0
0
0
No operation
1
0
0
1
No operation
1
0
1
0
Power down mode
1
0
1
1
Standby mode
1
1
0
0
No operation
1
1
0
1
No operation
D11
No operation
D10
D9
Output voltage range
0
0
Range 1 ( 2.0 V p-p typ)
0
1
Range 3 (200 mV p-p typ)
1
0
Range 4 (400 mV p-p typ)
1
1
Range 2 (1.0 V p-p typ)
D8
PGA gain 0 = ×5, 1 = ×1
D7
Reserved. Set to 0.
D6
Reserved. Set to 0.
D5
Reserved. Set to 0.
D4
Reset
D3
1
External System clock.
Must be set to 1.
D2
0
Must be Set to 0.
D1
Reserved. Set to 0.
D0
Reserved. Set to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com